Electronic Components Datasheet Search
  English  ▼

X  

EL4342 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL4342 Datasheet HTML 3Page - Renesas Technology Corp EL4342 Datasheet HTML 4Page - Renesas Technology Corp EL4342 Datasheet HTML 5Page - Renesas Technology Corp EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp EL4342 Datasheet HTML 10Page - Renesas Technology Corp EL4342 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
EL4340, EL4342
FN7421 Rev.4.00
Page 7 of 14
Oct 4, 2017
FIGURE 11. EL4340 PSRR CHANNELS A, B, C
FIGURE 12. EL4342 PSRR CHANNELS A, B, C
FIGURE 13. CHANNEL TO CHANNEL SWITCHING GLITCH VIN =0V
FIGURE 14. CHANNEL TO CHANNEL TRANSIENT RESPONSE
VIN =1V
FIGURE 15. ENABLE SWITCHING GLITCH VIN = 0V
FIGURE 16. ENABLE TRANSIENT RESPONSE VIN = 1V
Typical Performance Curves V
S = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
FREQUENCY (MHz)
0
-10
-30
0.3
1
10
100
1k
-50
-70
10
-20
-40
-60
-80
20
PSRR (V+)
PSRR (V-)
FREQUENCY (MHz)
0
-10
-30
0.3
1
10
100
1k
-50
-70
10
-20
-40
-60
20
-80
PSRR (V+)
PSRR (V-)
VOUT A, B, C
20ns/DIV
0
0
VIN = 0V
S0, S1
50Ω
TERM.
20ns/DIV
0
0
VIN = 1V
VOUT A, B, C
S0, S1
50Ω
TERM.
20ns/DIV
0
0
VIN = 0V
VOUT A, B, C
ENABLE
50Ω
TERM.
VIN = 1V
20ns/DIV
0
0 VOUT A, B, C
ENABLE
50Ω
TERM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com