Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 25 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 21Page - NXP Semiconductors IMX7SCEC Datasheet HTML 22Page - NXP Semiconductors IMX7SCEC Datasheet HTML 23Page - NXP Semiconductors IMX7SCEC Datasheet HTML 24Page - NXP Semiconductors IMX7SCEC Datasheet HTML 25Page - NXP Semiconductors IMX7SCEC Datasheet HTML 26Page - NXP Semiconductors IMX7SCEC Datasheet HTML 27Page - NXP Semiconductors IMX7SCEC Datasheet HTML 28Page - NXP Semiconductors IMX7SCEC Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 152 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
25
– Internal oscillator
External crystal oscillator with on-chip support circuit:
— At power up, RC oscillator is utilized. After crystal oscillator is stable, the clock circuit
switches over to the crystal oscillator automatically.
— Higher accuracy than RC oscillator
— If no external crystal is present, then the RC oscillator is utilized
The decision of choosing a clock source should be taken based on real-time clock use and precision
timeout.
4.1.5
Maximum supply currents
The Power Virus numbers shown in Table 12 represent a use case designed specifically to show the
maximum current consumption possible. All cores are running at the defined maximum frequency and are
limited to L1 cache accesses only to ensure no pipeline stalls. Although a valid condition, it would have a
very limited practical use case, if at all, and be limited to an extremely low duty cycle unless the intention
was to specifically show the worst case power consumption.
The MC3xPF3000xxxx, NXP’s power management IC targeted for the i.MX 7Solo family of processors,
supports the Power Virus mode operating at 1% duty cycle. Higher duty cycles are allowed, but a robust
thermal design is required for the increased system power dissipation.
Table 12 represents the maximum momentary current transients on power lines, and should be used for
power supply selection. Maximum currents are higher by far than the average power consumption of
typical use cases. For typical power consumption information, see the application note, i.MX 7DS Power
Consumption Measurement (AN5383).
Table 12. Maximum supply currents
Power Rail
Source
Conditions
Max Current
Unit
VDD_ARM
From PMIC
—
500
mA
VDD_SOC
From PMIC
—
1000
mA
VDDA_1P8_IN
From PMIC
—
1501
mA
VDD_SNVS_IN
From PMIC or Coin cell
—
1
mA
VDD_XTAL_1P8
From PMIC
—
5
mA
VDD_LPSR_IN
From PMIC
—
5
mA
VDD_TEMPSENSOR_1P8
From PMIC
—
1
mA
VDDA_ADC1_1P8
From PMIC
—
5
mA
VDDA_ADC2_1P8
From PMIC
—
5
mA
FUSE_FSOURCE
From PMIC
—
150
mA
VDD_MIPI_1P0
From i.MX 7 internal LDO
—
80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com