Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 72 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 68Page - NXP Semiconductors IMX7SCEC Datasheet HTML 69Page - NXP Semiconductors IMX7SCEC Datasheet HTML 70Page - NXP Semiconductors IMX7SCEC Datasheet HTML 71Page - NXP Semiconductors IMX7SCEC Datasheet HTML 72Page - NXP Semiconductors IMX7SCEC Datasheet HTML 73Page - NXP Semiconductors IMX7SCEC Datasheet HTML 74Page - NXP Semiconductors IMX7SCEC Datasheet HTML 75Page - NXP Semiconductors IMX7SCEC Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 152 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
72
Figure 41. NAND_DQS/NAND_DQ Read Valid window
For DDR Source Synchronous mode, Figure 41 shows the timing diagram of
NAND_DQS/NAND_DATAxx read valid window. The typical value of tDQSQ is 0.85 ns (max) and 1 ns
(max) for tQHS at 200 MB/s. GPMI will sample NAND_DATA[7:0] at both rising and falling edge of an
delayed NAND_DQS signal, which can be provided by an internal DPLL. The delay value can be
controlled by GPMI register GPMI_READ_DDR_DLL_CTRL.SLV_DLY_TARGET (see the GPMI
chapter of the i.MX 7Dual Application Processor Reference Manual [IMX7DRM]). Generally, the typical
delay value of this register is equal to 0x7 which means 1/4 clock cycle delay expected. But if the board
delay is big enough and cannot be ignored, the delay value should be made larger to compensate the board
delay.
Table 50. Source Synchronous mode timing parameters1
1 GPMI’s Source Synchronous mode output timing can be controlled by the module’s internal registers
GPMI_TIMING2_CE_DELAY, GPMI_TIMING_PREAMBLE_DELAY, GPMI_TIMING2_POST_DELAY. This AC timing
depends on these registers settings. In the table, CE_DELAY/PRE_DELAY/POST_DELAY represents each of these settings.
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Unit
Min.
Max.
NF18 NAND_CE0_B access time
tCE
CE_DELAY
× T - 0.79 [see note2]
2 T = tCK(GPMI clock period) –0.075 ns (half of maximum p-p jitter).
ns
NF19 NAND_CE0_B hold time
tCH
0.5
× tCK - 0.63 [see note2]ns
NF20 Command/address NAND_DATAxx setup time
tCAS
0.5
× tCK - 0.05
ns
NF21 Command/address NAND_DATAxx hold time
tCAH
0.5
× tCK - 1.23
ns
NF22 clock period
tCK
—
ns
NF23 preamble delay
tPRE
PRE_DELAY
× T - 0.29 [see note2]ns
NF24 postamble delay
tPOST
POST_DELAY
× T - 0.78 [see note2]ns
NF25 NAND_CLE and NAND_ALE setup time
tCALS
0.5
× tCK - 0.86
ns
NF26 NAND_CLE and NAND_ALE hold time
tCALH
0.5
× tCK - 0.37
ns
NF27 NAND_CLK to first NAND_DQS latching transition
tDQSS
T - 0.41 [see note2]ns
NF28 Data write setup
0.25
× tCK - 0.35
NF29 Data write hold
0.25
× tCK - 0.85
NF30 NAND_DQS/NAND_DQ read setup skew
—
2.06
NF31 NAND_DQS/NAND_DQ read hold skew
—
1.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com