Electronic Components Datasheet Search
  English  ▼

X  

IMX7SCEC Datasheet(PDF) 123 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 119Page - NXP Semiconductors IMX7SCEC Datasheet HTML 120Page - NXP Semiconductors IMX7SCEC Datasheet HTML 121Page - NXP Semiconductors IMX7SCEC Datasheet HTML 122Page - NXP Semiconductors IMX7SCEC Datasheet HTML 123Page - NXP Semiconductors IMX7SCEC Datasheet HTML 124Page - NXP Semiconductors IMX7SCEC Datasheet HTML 125Page - NXP Semiconductors IMX7SCEC Datasheet HTML 126Page - NXP Semiconductors IMX7SCEC Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 152 page
background image
Package information and contact assignments
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
123
N24
EPDC_D11
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[11]
100K PD
M26
EPDC_D12
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[12]
100K PD
L26
EPDC_D13
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[13]
100K PD
L25
EPDC_D14
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[14]
100K PD
N22
EPDC_D15
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[15]
100K PD
J23
EPDC_GDCLK
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[24]
100K PD
J22
EPDC_GDOE
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[25]
100K PD
L24
EPDC_GDRL
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[26]
100K PD
K27
EPDC_GDSP
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[27]
100K PD
J27
EPDC_PWRCOM
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[30]
100K PD
J26
EPDC_PWRSTAT
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[31]
100K PD
J25
EPDC_SDCE0
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[20]
100K PD
J24
EPDC_SDCE1
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[21]
100K PD
G22
EPDC_SDCE2
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[22]
100K PD
G23
EPDC_SDCE3
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[23]
100K PD
G24
EPDC_SDCLK
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[16]
100K PD
J28
EPDC_SDLE
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[17]
100K PD
G25
EPDC_SDOE
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[18]
100K PD
F26
EPDC_SDSHR
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[19]
100K PD
V04
GPIO1_IO00
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO00
100K PU
V05
GPIO1_IO01
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO01
100K PD
Y07
GPIO1_IO02
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO02
100K PD
Y06
GPIO1_IO03
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO03
100K PD
Y05
GPIO1_IO04
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO04
100K PD
Y04
GPIO1_IO05
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO05
100K PD
V06
GPIO1_IO06
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO06
100K PD
V07
GPIO1_IO07
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO07
100K PD
AB03
GPIO1_IO08
NVCC_GPIO2
GPIO
ALT0
GPIO1_IO08
100K PD
AB04
GPIO1_IO09
NVCC_GPIO2
GPIO
ALT0
GPIO1_IO09
100K PD
AB05
GPIO1_IO10
NVCC_GPIO2
GPIO
ALT0
GPIO1_IO10
100K PD
AB06
GPIO1_IO11
NVCC_GPIO2
GPIO
ALT0
GPIO1_IO11
100K PD
AC06
GPIO1_IO12
NVCC_GPIO2
GPIO
ALT0
GPIO1_IO12
100K PD
Table 92. i.MX 7Solo 12 x 12 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com