Electronic Components Datasheet Search
  English  ▼

X  

AP4202 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AP4202
Description  100mA 9ch LED
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4202 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AP4202 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4202 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4202 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4202 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4202 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4202 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4202 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4202 Datasheet HTML 12Page - Asahi Kasei Microsystems AP4202 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
[AP4202]
016015406-J-00
2017/01
- 9 -
9.
電気的特性
(特に指定が無い場合、VIN=12V, GND=PGND=0V, Ta=+25°C,VIN,VDC1,2端子容量
=1.0μF
DRSET=”H”時(定電流)はRISET_R=RISET_G=RISET_B
= 33.3kΩ)
Parameter
Symbol
min
typ
max
Unit
Condition
消費電流
IDD1
-
1.2
2.0
mA
DRSET=”L”(オープンドレイン)
PWM Duty=0%
IDD2
-
1.3
2.0
mA
DRSET=”L”(オープンドレイン)
PWM Duty=50%
IDD3
-
2.0
4.0
mA
DRSET=”H” (定電流)
PWM Duty=0%
IDD4
-
2.5
4.5
mA
DRSET=”H” (定電流)
PWM Duty=50%
VINリセット電圧
VINRST
-
3.6
4.2
V
動作状態からの降下
VINヒステリシス幅
VINHYS
-
0.2
-
V
VINRSTとVINセット電圧(VINSET)
間のヒステリシス
(VINSET>VINRST)
LDO1出力電圧
VDC1
4.75
5.0
5.25
V
VIN=12V,IDC1=-30mA(Note 9)
LDO2出力電圧
VDC2
-
1.8
-
V
VIN=12V,IDC2=-0mA
許容LED電流(/1ch)
(全数検査実施対象外)
ILEDO
-
-
100
mA
DRSET=”L”(オープンドレイン)
ILEDC
-
-
50
mA
DRSET=”H” (定電流)
LED電流遮断MOS-FET
オン抵抗
RLED
-
6
9.3
Ω
DRSET=”L”(オープンドレイン)
LED電流=+100mA
LED端子電圧(全9ch共通)
VLED
1.4
-
(Note 10)
V
DRSET=”H” (定電流)
LED電流=+50mA
RISET=20kΩ
0.5
-
V
DRSET=”H” (定電流)
LED電流=+15mA
RISET=66.7kΩ
LED電流精度1
ILEDC1
28.05
30.0
31.95
mA
DRSET=”H” (定電流)
LED電流精度2
ILEDC2
13.95
15.0
16.05
mA
DRSET=”H” (定電流)
RISET=66.7kΩ
LEDチャネル間電流精度
△I
LED
-4
-
4
%
DRSET=”H” (定電流)(Note 11)
LED端子オフリーク電流
ILEAK_LED
-
1.0
μA
LED端子電圧 = 24V
PWM周期精度
TPWM
-10
-
+10
%
全設定値に適用
PWM設定範囲
DPWM
0
-
100
%
全設定値に適用
PWM設定誤差
-
±1
-
LSB
PWMSET=”L”
-
±1
-
LSB
PWMSET=”H”
入力ハイレベル電圧
VIH
2.5
-
5.5
V
入力ロウレベル電圧
VIL
-0.2
-
0.5
V
出力ハイレベル電圧
VOH
3.7
-
5.3
V
IO=-500μA
出力ロウレベル電圧
VOL
0
-
0.8
V
IO=+500μA
入力リーク電流
ILI
-1.0
-
1.0
μA
CSB,SCK,TxD端子
出力リーク電流
ILO
-1.0
-
1.0
μA
Note 9. IDC1=-30mAは、内蔵5V出力LDO1(VDC1端子)より30mAをIC外部へ出力した状態を意味します。
Note 10. VLED上限値は、絶対最大定格30V以下でも許容消費電力上、設定できない範囲が存在します。
設定目安は10.8保護機能説明をご参照下さい。
Note 11.
100
I
I
I
I
(%)
I
LEDxxMIN
LEDxxMAX
LEDxxMIN
LEDxxMAX
LED
×
+
−
=
△



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com