Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 5 Page - Analog Devices

  AD5749 Datasheet HTML 1Page - Analog Devices AD5749 Datasheet HTML 2Page - Analog Devices AD5749 Datasheet HTML 3Page - Analog Devices AD5749 Datasheet HTML 4Page - Analog Devices AD5749 Datasheet HTML 5Page - Analog Devices AD5749 Datasheet HTML 6Page - Analog Devices AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5749
Rev. D | Page 5 of 28
TIMING CHARACTERISTICS
AVDD = 12 V (± 10%) to 55 V (maximum), DVCC = 2.7 V to 5.5 V, GND = 0 V. RLOAD = 300 Ω. All specifications TMIN to TMAX, unless
otherwise noted.
Table 3.
Parameter1, 2
Limit at TMIN, TMAX
Unit
Description
t1
20
ns min
SCLK cycle time
t2
8
ns min
SCLK high time
t3
8
ns min
SCLK low time
t4
5
ns min
SYNC falling edge to SCLK falling edge setup time
t5
10
ns min
16th SCLK falling edge to SYNC rising edge (on 24th SCLK falling edge if using PEC)
t6
5
ns min
Minimum SYNC high time (write mode)
t7
5
ns min
Data setup time
t8
5
ns min
Data hold time
t9, t10
1.5
µs max
CLEAR pulse low/high activation time
t11
5
ns min
Minimum SYNC high time (read mode)
t12
40
ns max
SCLK rising edge to SDO valid (SDO CL = 15 pF)
t13
10
ns min
RESET pulse low time
1
Guaranteed by characterization, but not production tested.
2
All input signals are specified with tR = tF = 5 ns (10% to 90% of DVCC) and timed from a voltage level of 1.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com