Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 1 Page - Analog Devices

  AD5749 Datasheet HTML 1Page - Analog Devices AD5749 Datasheet HTML 2Page - Analog Devices AD5749 Datasheet HTML 3Page - Analog Devices AD5749 Datasheet HTML 4Page - Analog Devices AD5749 Datasheet HTML 5Page - Analog Devices AD5749 Datasheet HTML 6Page - Analog Devices AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Industrial Current Out Driver, Single-Supply,
55 V Maximum Supply, Programmable Ranges
Data Sheet
AD5749
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Current output ranges: 0 mA to 24 mA or 4 mA to 20 mA
±0.03% FSR typical total unadjusted error (TUE)
±5 ppm/°C typical output drift
2% overrange
Flexible serial digital interface
On-chip output fault detection
PEC error checking
Asynchronous CLEAR function
Power supply range
AVDD: 12 V (± 10%) to 55 V (maximum)
Output loop compliance to AVDD − 2.75 V
Temperature range: −40°C to +105°C
32-lead, 5 mm × 5 mm LFCSP package
APPLICATIONS
Process control
Actuator control
PLCs
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD5749 is a single channel, low cost, precision, current output
driver with hardware or software programmable output ranges.
The software ranges are configured via an SPI-/MICROWIRE™-
compatible serial interface. The AD5749 targets applications in
PLC and industrial process control. The analog input to the
AD5749 is provided from a low voltage, single-supply digital-to-
analog converter (DAC) and is internally conditioned to provide
the desired output current/voltage range.
The output current range is programmable across two current
ranges: 0 mA to 24 mA, or 4 mA to 20 mA. Current output is
open-circuit protected and can drive inductive loads of 0.1 H.
The device is specified to operate with a power supply range
from 10.8 V to 55 V. Output loop compliance is 0 V to AVDD −
2.75 V.
The flexible serial interface is SPI and MICROWIRE compatible
and can be operated in 3-wire mode to minimize the digital
isolation required in isolated applications. The interface also
features an optional PEC error checking feature using CRC-8
error checking, useful in industrial environments where data
communication corruption can occur.
The device also includes a power-on reset function ensuring
that the device powers up in a known state and an asynchron-
ous CLEAR pin that sets the outputs to the low end of the
selected current range.
An HW SELECT pin is used to configure the part for hardware
or software mode on power-up.
Table 1. Related Devices
Part No.
Description
AD5750
Industrial current/voltage output (I/V) driver with
programmable ranges
AD5751
Industrial I/V output driver, single-supply, 55 V maximum
supply, programmable ranges
AD5748
Industrial I/V output driver with programmable ranges
AD5410/
AD5420
Single-channel, 12-/16-bit, serial input, current source
output DAC
AD5412/
AD5422
Single-channel, 12-/16-bit, serial input, I/V output DAC
*DENOTES SHARED PIN. SOFTWARE MODE DENOTED BY REGULAR TEXT,
HARDWARE MODE DENOTED BY ITALIC TEXT. FOR EXAMPLE, FOR
FAULT/TEMP PIN, IN SOFTWARE MODE, THIS PIN TAKES ON FAULT
FUNCTION. IN HARDWARE MODE, THIS PIN TAKES ON TEMP FUNCTION.
CLEAR
DVCC GND
AVDD GND
CLRSEL
HW SELECT
VIN
VREF
OVERTEMP
IOUT OPEN FAULT
IOUT OPEN FAULT
RESET
R2
RSET
AVDD
R3
AD5749
IOUT
POWER-
ON RESET
IOUT
OPEN FAULT
IOUT RANGE
SCALING
STATUS
REGISTER
INPUT SHIFT
REGISTER
AND
CONTROL
LOGIC
SCLK/OUTEN*
SDIN/R0*
SYNC/RSET*
SDO
FAULT/TEMP*
NC/IFAULT*
AD2/R1*
AD1/R2*
AD0/R3*
REXT1
REXT2


Similar Part No. - AD5749

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5749 AD-AD5749 Datasheet
393Kb / 28P
Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
AD5749ACPZ AD-AD5749ACPZ Datasheet
393Kb / 28P
Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
AD5749ACPZ-RL7 AD-AD5749ACPZ-RL7 Datasheet
393Kb / 28P
Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
More results

Similar Description - AD5749

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Intersil Corporation
ISL59830 INTERSIL-ISL59830_06 Datasheet
326Kb / 14P
True Single Supply Video Driver
May 4, 2006
logo
Analog Devices
AD5751 AD-AD5751 Datasheet
269Kb / 22P
Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5749 AD-AD5749 Datasheet
393Kb / 28P
Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Renesas Technology Corp
ISL59830 RENESAS-ISL59830 Datasheet
743Kb / 15P
True Single Supply Video Driver
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
Industrial Current/Voltage Output Driver
9/14-Rev. A to Rev. B
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
1/2018-Rev. C to Rev. D
logo
Pepperl+Fuchs Inc.
HID2024 PF-HID2024 Datasheet
904Kb / 4P
SMART Transmitter Power Supply/Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com