Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5749 Datasheet HTML 3Page - Analog Devices AD5749 Datasheet HTML 4Page - Analog Devices AD5749 Datasheet HTML 5Page - Analog Devices AD5749 Datasheet HTML 6Page - Analog Devices AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices AD5749 Datasheet HTML 10Page - Analog Devices AD5749 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5749
Rev. D | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
100 mA do not cause SCR latch-up.
Table 4.
Parameter
Rating
AVDD to GND
−0.3 V to +58 V
DVCC to GND
−0.3 V to +7 V
Digital Inputs to GND
−0.3 V to DVCC + 0.3 V, or 7 V
(whichever is less)
Digital Outputs to GND
−0.3 V to DVCC + 0.3 V, or 7 V
(whichever is less)
VREF to GND
−0.3 V to +7 V
VIN to GND
−0.3 V to +7 V
IOUT to GND
−0.3 V to AVDD
Operating Temperature Range
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
125°C
32-Lead LFCSP Package
θJA Thermal Impedance1
42°C/W
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
1
Simulated data based on a JEDEC 2S2P test board with thermal vias.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com