Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 3 Page - Analog Devices

  AD5749 Datasheet HTML 1Page - Analog Devices AD5749 Datasheet HTML 2Page - Analog Devices AD5749 Datasheet HTML 3Page - Analog Devices AD5749 Datasheet HTML 4Page - Analog Devices AD5749 Datasheet HTML 5Page - Analog Devices AD5749 Datasheet HTML 6Page - Analog Devices AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5749
Rev. D | Page 3 of 28
SPECIFICATIONS
AVDD = 12 V (± 10%) to 55 V (maximum), DVCC = 2.7 V to 5.5 V, GND = 0 V. RLOAD = 300 Ω. All specifications TMIN to TMAX,
unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT VOLTAGE RANGE
0 to 4.096
V
Output unloaded
Input Leakage Current
−1
+1
µA
REFERENCE INPUT
Reference Input Voltage
4.096
V
External reference must be exactly as stated;
otherwise, accuracy errors show up as error in output
Input Leakage Current
−1
+1
µA
CURRENT OUTPUT
Output Current Ranges
0
24
mA
4
20
mA
Output Current Overranges2
0
24.5
mA
See
Detailed Description of Features section
3.92
20.4
mA
See
Detailed Description of Features section
ACCURACY (INTERNAL RSET)
Total Unadjusted Error (TUE)
A Version2
−0.5
+0.5
% FSR
−0.3
±0.15
+0.3
% FSR
TA = 25°C
Relative Accuracy (INL)
−0.02
±0.01
+0.02
% FSR
Offset Error
−16
+16
µA
−10
+5
+10
µA
TA = 25°C
Offset Error TC2
±3
ppm FSR/°C
Dead Band on Output, RTI
8
14
mV
Referred to 4.096 V input range
Gain Error
−0.2
+0.2
% FSR
−0.125
±0.02
+0.125
% FSR
TA = 25°C
Gain TC2
±10
ppm FSR/°C
Full-Scale Error
−0.2
+0.2
% FSR
−0.125
±0.02
+0.125
% FSR
TA = 25°C
Full-Scale TC2
±4
ppm FSR/°C
ACCURACY (EXTERNAL RSET)
Total Unadjusted Error (TUE)
A Version2
−0.3
+0.3
% FSR
−0.1
±0.02
+0.1
% FSR
TA = 25°C
Relative Accuracy (INL)
−0.02
±0.01
+0.02
% FSR
Offset Error
−14
+14
µA
−11
+5
+11
TA = 25°C
Offset Error TC2
±2
ppm FSR/°C
Dead Band on Output, RTI
8
+14
mV
Referred to 4.096 V input range
Gain Error
−0.08
+0.08
% FSR
−0.07
±0.02
+0.07
% FSR
TA = 25°C
Gain TC2
±1
ppm FSR/°C
Full-Scale Error
−0.1
+0.1
% FSR
−0.07
±0.02
+0.07
% FSR
TA = 25°C
Full-Scale TC2
±2
ppm FSR/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com