Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5749 Datasheet HTML 13Page - Analog Devices AD5749 Datasheet HTML 14Page - Analog Devices AD5749 Datasheet HTML 15Page - Analog Devices AD5749 Datasheet HTML 16Page - Analog Devices AD5749 Datasheet HTML 17Page - Analog Devices AD5749 Datasheet HTML 18Page - Analog Devices AD5749 Datasheet HTML 19Page - Analog Devices AD5749 Datasheet HTML 20Page - Analog Devices AD5749 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD5749
Rev. D | Page 17 of 28
Figure 32. Typical System Configuration in Hardware Mode Using Internal DAC Reference (Pull-Up Resistors Not Shown for Open-Drain Outputs)
Table 6. Suggested Parts for Use with the AD5749
DAC
Reference
Power
Resolution/Accuracy
Description
AD5660
Internal
ADP17201
16-bit/12-bit
Mid-end system, single channel, internal reference
AD5664R
Internal
N/A
16-bit/12-bit
Mid-end system, quad channel, internal reference
AD5668
Internal
N/A
16-bit/12-bit
Mid-end system, octal channel, internal reference
AD5060
ADR434
ADP1720
16-bit/16-bit
High-end system, single channel, external reference
AD5064/AD5066
ADR434
N/A
16-bit/16-bit
High-end system, quad channel, external reference
AD5662
ADR3922
ADR3922
16-bit/12-bit
Mid-end system, single channel, external reference
AD5664
ADR3922
N/A
16-bit/12-bit
Mid-end system, quad channel, external reference
1 ADP1720 input range up to 28 V.
2 ADR392 input range up to 15 V.
R3
R2
R1
R0
VIN
SCLK
VDD
REFIN
SDI/DIN
SDO
SYNC1
MCU
VREF
TEMP
IFAULT
ADP1720
ADR392
AD5749
AVDD AGND
OUTEN
HW SELECT
DVCC
AVDD
GND
AD506x
AD566x
OUTPUT RANGE
SELECT PINS
IOUT
RANGE
SCALE
IOUT
0mA TO 20mA,
0mA TO 24mA,
4mA TO 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com