Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5749 Datasheet HTML 5Page - Analog Devices AD5749 Datasheet HTML 6Page - Analog Devices AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices AD5749 Datasheet HTML 10Page - Analog Devices AD5749 Datasheet HTML 11Page - Analog Devices AD5749 Datasheet HTML 12Page - Analog Devices AD5749 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5749
Rev. D | Page 9 of 28
Pin No.
Mnemonic
Description
10
AD1/R2
Device Addressing Bit (AD1). In software mode, this pin, in conjunction with AD0 and AD2, allows up to
eight devices to be addressed on one bus.
Range Decode Bit (R2). In hardware mode, this pin, in conjunction with R0, R1, and R3, selects the output
current range setting on the part.
11
AD0/R3
Device Addressing Bit (AD0). In software mode, this pin, in conjunction with AD1 and AD2, allows up to
eight devices to be addressed on one bus.
Range Decode Bit (R3). In hardware mode, this pin, in conjunction with R0, R1, and R2, selects the output
current range setting on the part.
12, 13
REXT2, REXT1
A 15 kΩ external current setting resistor can be connected between the REXT1 and REXT2 pins to
improve the IOUT temperature drift performance.
14
VREF
Buffered Reference Input.
15
VIN
Buffered Analog Input (0 V to 4.096 V).
16
GND
Ground Connection.
17
AVDD
Positive Analog Supply.
18
IOUT
Current Output.
19, 20, 23, 24
DNC
Do not connect to these pins.
21, 22
GND
Ground Connection.
25, 26, 27, 28
NC
No Connect. Can be tied to GND.
29
HW SELECT
This part is used to configure the part to hardware or software mode.
HW SELECT = 0 selects software control.
HW SELECT = 1 selects hardware control.
30
RESET
In software mode, this pin resets the part to its power-on state. Active low.
In hardware mode, there is no reset. If using the part in hardware mode, the RESET pin should be tied high.
31
FAULT/TEMP
Fault Alert (FAULT). In software mode, this pin acts as a general fault alert pin. It is asserted low when an
open-circuit, overtemperature error, or PEC interface error is detected. This pin is an open-drain output
and must be connected to a pull-up resistor.
Overtemperature Fault (TEMP). In hardware mode, this pin acts as an overtemperature fault pin. It is
asserted low when an overtemperature error is detected. This pin is an open-drain output and must be
connected to a pull-up resistor.
32
NC/IFAULT
No Connect (NC). In software mode, this pin is a no connect. Instead, tie this pin to GND.
Open-Circuit Fault Alert (IFAULT). In hardware mode, this pin acts as an open-circuit fault alert pin. It is
asserted low when an open-circuit error is detected. This pin is an open-drain output and must be
connected to a pull-up resistor.
33 (EPAD)
EPAD
The exposed paddle is tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com