Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5749 Datasheet HTML 4Page - Analog Devices AD5749 Datasheet HTML 5Page - Analog Devices AD5749 Datasheet HTML 6Page - Analog Devices AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices AD5749 Datasheet HTML 10Page - Analog Devices AD5749 Datasheet HTML 11Page - Analog Devices AD5749 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5749
Data Sheet
Rev. D | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SDO
Serial Data Output (SDO). In software mode, this pin is used to clock data from the input shift register in
readback mode. Data is clocked out on the rising edge of SCLK and is valid on the falling edge of SCLK.
This pin is a CMOS output.
2
CLRSEL
In hardware or software mode, this pin selects the clear value, either zero scale or midscale. In software
mode, this pin is implemented as a logic OR with the internal CLRSEL bit.
3
CLEAR
Active High Input. Asserting this pin sets the output current to zero-scale code or midscale of range
selected (user selectable). CLEAR is a logic OR with the internal CLEAR bit. See the Asynchronous Clear
(CLEAR) section for more details.
4
DVCC
Digital Power Supply.
5
GND
Ground Connection.
6
SYNC/RSET
Positive Edge-Sensitive Latch (SYNC). In software mode, a rising edge parallel loads the input shift
register data into the AD5749 and also updates the output.
Resistor Select (RSET). In hardware mode, this pin selects whether the internal or the external current
sense resistor is used.
If RSET = 0, the external sense resistor is chosen.
If RSET = 1, the internal sense resistor is chosen.
7
SCLK/OUTEN
Serial Clock Input (SCLK). In software mode, data is clocked into the input shift register on the falling
edge of SCLK. This pin operates at clock speeds up to 50 MHz.
Output Enable (OUTEN). In hardware mode, this pin acts as an output enable pin.
8
SDIN/R0
Serial Data Input (SDIN). In software mode, data must be valid on the falling edge of SCLK.
Range Decode Bit (R0). In hardware mode, this pin, in conjunction with R1, R2, and R3, selects the output
current range setting on the part.
9
AD2/R1
Device Addressing Bit (AD2). In software mode, this pin, in conjunction with AD0 and AD1, allows up to
eight devices to be addressed on one bus.
Range Decode Bit (R1). In hardware mode, this pin, in conjunction with R0, R2, and R3, selects the output
current range setting on the part.
NOTES
1. NC = NO CONNECT. CAN BE TIED TO GND.
2. DNC = DO NOT CONNECT.
3. THE EXPOSED PADDLE IS TIED TO GND.
DNC
DNC
GND
GND
DNC
DNC
IOUT
AVDD
SDO
CLRSEL
CLEAR
DVCC
GND
SYNC/RSET
SCLK/OUTEN
SDIN/R0
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
AD5749
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com