Electronic Components Datasheet Search
  English  ▼

X  

AD5749 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5749 Datasheet HTML 6Page - Analog Devices AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices AD5749 Datasheet HTML 10Page - Analog Devices AD5749 Datasheet HTML 11Page - Analog Devices AD5749 Datasheet HTML 12Page - Analog Devices AD5749 Datasheet HTML 13Page - Analog Devices AD5749 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5749
Data Sheet
Rev. D | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Integral Nonlinearity Error vs. VIN, External RSET Resistor
Figure 6. Integral Nonlinearity Error vs. VIN, Internal RSET Resistor
Figure 7. Integral Nonlinearity Current Mode, External RSET Sense Resistor
Figure 8. Integral Nonlinearity Current Mode, Internal RSET Sense Resistor
Figure 9. Total Unadjusted Error vs. VIN, External RSET Resistor
Figure 10. Total Unadjusted Error vs. VIN, Internal RSET Resistor
0.004
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
–0.004
–0.005
0.005
VIN (V)
4mA TO 20mA EXTERNAL RSET RESISTOR
0mA TO 24mA EXTERNAL RSET RESISTOR
0.004
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
–0.004
–0.005
0.005
4mA TO 20mA INTERNAL RSET RESISTOR
0mA TO 24mA INTERNAL RSET RESISTOR
VIN (V)
0.010
0.008
0.006
0.004
0.002
0
–0.002
–0.004
–0.006
–0.008
–0.010
24V
48V
55V
SUPPLY VOLTAGE (AVDD)
4mA TO 20mA EXTERNAL RSET LINEARITY
0mA TO 24mA EXTERNAL RSET LINEARITY
0.010
0.008
0.006
0.004
0.002
0
–0.002
–0.004
–0.006
–0.008
–0.010
24V
48V
55V
SUPPLY VOLTAGE (AVDD)
4mA TO 20mA INTERNAL RSET LINEARITY
0mA TO 24mA INTERNAL RSET LINEARITY
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
0.05
4mA TO 20mA EXTERNAL RSET TUE
0mA TO 24mA EXTERNAL RSET TUE
VIN (V)
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
0.05
VIN (V)
4mA TO 20mA INTERNAL RSET TUE
0mA TO 24mA INTERNAL RSET TUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com