Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPIZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X9241AMPIZ
Description  Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9241AMPIZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  X9241AMPIZ Datasheet HTML 1Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 2Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 3Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 4Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 5Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 6Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 7Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 8Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
X9241A
FN8164 Rev 7.00
Page 4 of 17
August 17, 2015
series. The physical ends of each array are equivalent to the
fixed terminals of a mechanical potentiometer (VH/RH and
VL/RL inputs).
At both ends of each array and between each resistor segment
is a FET switch connected to the wiper (VW/RW) output. Within
each individual array only one switch may be turned on at a
time. These switches are controlled by the Wiper Counter
Register (WCR). The 6 least significant bits of the WCR are
decoded to select, and enable, 1 of 64 switches.
The WCR may be written directly, or it can be changed by
transferring the contents of one of four associated Data
Registers into the WCR. These Data Registers and the WCR
can be read and written by the host system.
Device Addressing
Following a start condition the master must output the address
of the slave it is accessing. The most significant
4-bits of the slave address are the device type identifier (refer
to Figure 1). For the X9241A, this is fixed as 0101[B].
The next 4-bits of the slave address are the device address.
The physical device address is defined by the state of the A0 to
A3 inputs. The X9241A compares the serial data stream with
the address input state; a successful compare of all 4 address
bits is required for the X9241A to respond with an
acknowledge.
Acknowledge Polling
The disabling of the inputs, during the internal nonvolatile write
operation, can be used to take advantage of the typical 5ms
EEPROM write cycle time. Once the stop condition is issued to
indicate the end of the nonvolatile write command, the X9241A
initiates the internal write cycle. ACK polling can be initiated
immediately. This involves issuing the start condition followed
by the device slave address. If the X9241A is still busy with the
write operation, no ACK will be returned. If the X9241A has
completed the write operation, an ACK will be returned and the
master can then proceed with the next operation.
Flow 1. ACK Polling Sequence
Instruction Structure
The next byte sent to the X9241A contains the instruction and
register pointer information. The 4 most significant bits are the
instruction. The next 4-bits point to one of four pots and when
applicable they point to one of four associated registers. The
format is in Figure 2.
The 4 high order bits define the instruction. The next 2-bits (P1
and P0) select which one of the four potentiometers is to be
affected by the instruction. The last 2-bits (R1 and R0) select
one of the four registers that are to be acted upon when a
register oriented instruction is issued.
Four of the nine instructions end with the transmission of the
instruction byte. The basic sequence is illustrated in Figure 3.
These two-byte instructions exchange data between the WCR
and one of the data registers. A transfer from a Data Register to
a WCR is essentially a write to a static RAM. The response of
1
0
0
A3
A2
A1
A0
DEVICE TYPE
IDENTIFIER
DEVICE ADDRESS
1
FIGURE 1. SLAVE ADDRESS
NONVOLATILE WRITE
COMMAND COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS
ACK
RETURNED?
FURTHER
OPERATION?
ISSUE
INSTRUCTION
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
I1
I2
I3
I0
P1
P0
R1
R0
POTENTIOMETER
SELECT
REGISTER
SELECT
INSTRUCTIONS
FIGURE 2. INSTRUCTION BYTE FORMAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com