Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPIZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # X9241AMPIZ
Description  Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9241AMPIZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button X9241AMPIZ Datasheet HTML 9Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 10Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 11Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 12Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 13Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 14Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 15Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 16Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
X9241A
FN8164 Rev 7.00
Page 16 of 17
August 17, 2015
Small Outline Package Family (SO)
GAUGE
PLANE
A2
A1
L
L1
DETAIL X
4° ±4°
SEATING
PLANE
e
H
b
C
0.010
B
M CA
0.004 C
0.010
B
M CA
B
D
(N/2)
1
E1
E
N
N
(N/2)+1
A
PIN #1
I.D. MARK
h X 45°
A
SEE DETAIL “X”
c
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO)
SYMBOL
INCHES
TOLERANCE
NOTES
SO-8
SO-14
SO16
(0.150”)
SO16 (0.300”)
(SOL-16)
SO20
(SOL-20)
SO24
(SOL-24)
SO28
(SOL-28)
A
0.068
0.068
0.068
0.104
0.104
0.104
0.104
MAX
-
A1
0.006
0.006
0.006
0.007
0.007
0.007
0.007
0.003
-
A2
0.057
0.057
0.057
0.092
0.092
0.092
0.092
0.002
-
b
0.017
0.017
0.017
0.017
0.017
0.017
0.017
0.003
-
c
0.009
0.009
0.009
0.011
0.011
0.011
0.011
0.001
-
D
0.193
0.341
0.390
0.406
0.504
0.606
0.704
0.004
1, 3
E
0.236
0.236
0.236
0.406
0.406
0.406
0.406
0.008
-
E1
0.154
0.154
0.154
0.295
0.295
0.295
0.295
0.004
2, 3
e
0.050
0.050
0.050
0.050
0.050
0.050
0.050
Basic
-
L
0.025
0.025
0.025
0.030
0.030
0.030
0.030
0.009
-
L1
0.041
0.041
0.041
0.056
0.056
0.056
0.056
Basic
-
h
0.013
0.013
0.013
0.020
0.020
0.020
0.020
Reference
-
N
8
14
16
16
20
24
28
Reference
-
Rev. M 2/07
NOTES:
1. Plastic or metal protrusions of 0.006” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com