Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPIZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # X9241AMPIZ
Description  Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9241AMPIZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button X9241AMPIZ Datasheet HTML 5Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 6Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 7Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 8Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 9Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 10Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 11Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 12Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
X9241A
FN8164 Rev 7.00
Page 9 of 17
August 17, 2015
Cascade Mode
The X9241A provides a mechanism for cascading the arrays.
That is, the sixty-three resistor elements of one array may be
cascaded (linked) with the resistor elements of an adjacent
array. The VL/RL of the higher order array must be connected
to the VH/RH of the lower order array (See Figure 9).
Cascade Control Bits
The data byte, for the three-byte commands, contains 6-bits
(LSBs) for defining the wiper position plus 2 high order bits, CM
(Cascade Mode) and DW (Disable Wiper, normal operation).
The state of the CM bit (bit 7 of WCR) enables or disables
cascade mode. When the CM bit of the WCR is set to “0” the
potentiometer is in the normal operation mode. When the CM
bit of the WCR is set to “1” the potentiometer is cascaded with
its adjacent higher order potentiometer. For example; if bit 7 of
WCR2 is set to “1”, pot 2 will be cascaded to pot 3.
The state of DW enables or disables the wiper. When the DW
bit (bit 6 of the WCR) is set to “0” the wiper is enabled; when
set to “1” the wiper is disabled. If the wiper is disabled, the
wiper terminal will be electrically isolated and float.
When operating in cascade mode VH/RH, VL/RL and the wiper
terminals of the cascaded arrays must be electrically
connected externally. All but one of the wipers must be
disabled. The user can alter the wiper position by writing
directly to the WCR or indirectly by transferring the contents of
the Data Registers to the WCR or by using the
Increment/Decrement command.
When using the Increment/Decrement command the wiper
position will automatically transition between arrays. The
current position of the wiper can be determined by reading the
WCR registers; if the DW bit is “0”, the wiper in that array is
active. If the current wiper position is to be maintained on
power-down a global XFR WCR to Data Register command
must be issued to store the position in NV memory before
power-down.
It is possible to connect three or all four potentiometers in
cascade mode. It is also possible to connect POT 3 to POT 0
as a cascade. The requirements for external connections of
VL/RL, VH/RH and the wipers are the same in these cases.
VH0/RH0
VL0/RL0
VW0/RW0
VL1/RL1
VH1/RH1
VW1/RW1
VL2/RL2
VH2/RH2
VW2/RW2
VL3/RL3
VH3/RH3
VW3/RW3
POT 0
WCR0
POT 1
WCR1
POT 2
WCR2
POT 3
WCR3
EXTERNAL
CONNECTION
=
FIGURE 9. CASCADING ARRAYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com