Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPIZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # X9241AMPIZ
Description  Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9241AMPIZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button X9241AMPIZ Datasheet HTML 4Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 5Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 6Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 7Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 8Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 9Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 10Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 11Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
X9241A
FN8164 Rev 7.00
Page 8 of 17
August 17, 2015
Detailed Operation
All four XDCP potentiometers share the serial interface and
share a common architecture. Each potentiometer is
comprised of a resistor array, a Wiper Counter Register and
four Data Registers. A detailed discussion of the register
organization and array operation follows.
Wiper Counter Register
The X9241A contains four volatile Wiper Counter Registers
(WCR), one for each XDCP potentiometer. The WCR can be
envisioned as a 6-bit parallel and serial load counter with its
outputs decoded to select one of sixty-four switches along its
resistor array. The contents of the WCR can be altered in four
ways: it may be written directly by the host via the Write WCR
instruction (serial load); it may be written indirectly by
transferring the contents of one of four associated Data
Registers via the XFR Data Register instruction (parallel load);
it can be modified one step at a time by the
increment/decrement instruction; finally, it is loaded with the
contents of its Data Register zero (DR0) upon power-up.
The WCR is a volatile register; that is, its contents are lost
when the X9241A is powered-down. Although the register is
automatically loaded with the value in DR0 upon power-up, it
should be noted this may be different from the value present at
power-down.
Data Registers
Each potentiometer has four nonvolatile Data Registers. These
can be read or written directly by the host and data can be
transferred between any of the four Data Registers and the
WCR. It should be noted all operations changing data in one of
these registers is a nonvolatile operation and will take a
maximum of 10ms.
If the application does not require storage of multiple settings
for the potentiometer, these registers can be used as regular
memory locations that could possibly store system parameters
or user preference data.
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
WIPER
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCL
UP/DN
VH/RH
IF WCR = 00[H] THEN VW/RW = VL/RL
IF WCR = 3F[H] THEN VW/RW = VH/RH
8
6
C
D
E
O
U
N
T
E
R
E
C
O
D
CASCADE
DW
CM
CONTROL
LOGIC
2
VL/RL
VW/RW
FIGURE 8. DETAILED POTENTIOMETER BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com