Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPIZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9241AMPIZ
Description  Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9241AMPIZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9241AMPIZ Datasheet HTML 1Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 2Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 3Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 4Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 5Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 6Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 7Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 8Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN8164 Rev 7.00
Page 1 of 17
August 17, 2015
FN8164
Rev 7.00
August 17, 2015
X9241A
Quad Digital Controlled Potentionmeters (XDCP™) Non-Volatile/Low
Power/2-Wire/64 Taps
DATASHEET
The X9241A integrates four digitally controlled
potentiometers (XDCP) on a monolithic CMOS integrated
microcircuit.
The digitally controlled potentiometer is implemented using
63 resistive elements in a series array. Between each
element are tap points connected to the wiper terminal
through switches. The position of the wiper on the array is
controlled by the user through the 2-wire bus interface. Each
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and 4 nonvolatile Data Registers
(DR0:DR3) that can be directly written to and read by the
user. The contents of the WCR controls the position of the
wiper on the resistor array through the switches. Power up
recalls the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Four potentiometers in one package
• 2-wire serial interface
• Register oriented format
- Direct read/write/transfer of wiper positions
- Store as many as four positions per potentiometer
• Terminal Voltages: +5V, -3.0V
• Cascade resistor arrays
• Low power CMOS
• High Reliability
- Endurance–100,000 data changes per bit per register
- Register data retention–100 years
• 16-bytes of nonvolatile memory
• 3 resistor array values
-2k
10k50kor combination
- Cascadable for values of 4k
to 200k
• Resolution: 64 taps each pot
• 20 Ld plastic DIP, 20 Ld TSSOP and 20 Ld SOIC
packages
• Pb-free available (RoHS compliant)
Block Diagram
DATA
8
R1
R0
R3
R2
VH0/RH0
VL0/RL0
VW0/RW0
WIPER
COUNTER
REGISTER
(WCR)
VH1/RH1
VL1/RL1
VW1/RW1
REGISTER
ARRAY
POT 1
WIPER
COUNTER
REGISTER
(WCR)
R1
R0
R3
R2
SCL
SDA
A0
A1
A2
A3
INTERFACE
AND
CONTROL
CIRCUITRY
VH2/
VL2/RL2
VW2/RW2
VH3/RH3
VL3/RL3
VW3/RW3
REGISTER
ARRAY
POT 2
WIPER
COUNTER
REGISTER
(WCR)
R1
R0
R3
R2
REGISTER
ARRAY
POT 3
WIPER
COUNTER
REGISTER
(WCR)
R1
R0
R3
R2
VCC
VSS
RH2


Similar Part No. - X9241AMPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AMPIZ INTERSIL-X9241AMPIZ Datasheet
315Kb / 16P
Low Powr/2-Wire Serial Bus
September 15, 2005
X9241AMPIZ INTERSIL-X9241AMPIZ Datasheet
262Kb / 16P
Quad Digital Controlled Potentionmeters (XDCP??
December 14, 2006
X9241AMPIZ INTERSIL-X9241AMPIZ Datasheet
285Kb / 16P
Quad Digital Controlled Potentionmeters (XDCP??
X9241AMPIZ INTERSIL-X9241AMPIZ Datasheet
362Kb / 17P
Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
More results

Similar Description - X9241AMPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
Quad Digital Controlled Potentiometers (XDCP??
March 29, 2006
X9241A INTERSIL-X9241A_06 Datasheet
262Kb / 16P
Quad Digital Controlled Potentionmeters (XDCP??
December 14, 2006
X9241A INTERSIL-X9241A_07 Datasheet
285Kb / 16P
Quad Digital Controlled Potentionmeters (XDCP??
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22346 RENESAS-ISL22346 Datasheet
954Kb / 16P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X95840 RENESAS-X95840 Datasheet
1Mb / 13P
Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com