Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPIZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # X9241AMPIZ
Description  Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9241AMPIZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button X9241AMPIZ Datasheet HTML 2Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 3Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 4Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 5Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 6Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 7Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 8Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 9Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
X9241A
FN8164 Rev 7.00
Page 6 of 17
August 17, 2015
NOTES:
1. 1/0 = data is one or zero
2. X = Not applicable or don’t care; that is, a data register is not involved in the operation and need not be addressed (typical).
SCL
SDA
VW/RW
INC/DEC
CMD
ISSUED
VOLTAGE OUT
tCLWV
FIGURE 6. INCREMENT/DECREMENT TIMING LIMITS
TABLE 1. INSTRUCTION SET
INSTRUCTION
INSTRUCTION FORMAT
OPERATION
I3
I2
I1
I0
P1
P0
R1
R0
Read WCR
1
0
0
1
1/0
(Note 1)
1/0
X
(Note 2)
X
Read the contents of the Wiper Counter Register pointed to by P1 to P0
Write WCR
1
0
1
0
1/0
1/0
X
X
Write new value to the Wiper Counter Register pointed to by P1 to P0
Read Data
Register
1
0
1
1
1/0
1/0
1/0
1/0
Read the contents of the Register pointed to by P1 to P0 and R1 to R0
Write Data
Register
1
1
0
0
1/0
1/0
1/0
1/0
Write new value to the Register pointed to by P1 to P0 and R1 to R0
XFR Data
Register to WCR
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Register pointed to by P1 to P0 and R1 to
R0 to its associated WCR
XFR WCR to
Data Register
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the WCR pointed to by P1 to P0 to the Register
pointed to by R1 to R0
Global XFR
Data Register to
WCR
0
0
0
1
X
X
1/0
1/0
Transfer the contents of the Data Registers pointed to by R1 to R0 of all
four pots to their respective WCR
Global XFR
WCR to Data
Register
1
0
0
0
X
X
1/0
1/0
Transfer the contents of all WCRs to their respective data Registers
pointed to by R1 to R0 of all four pots
Increment/
Decrement
Wiper
0
0
1
0
1/0
1/0
X
X
Enable Increment/decrement of the WCR pointed to by P1 to P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com