Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPIZ Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # X9241AMPIZ
Description  Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9241AMPIZ Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button X9241AMPIZ Datasheet HTML 9Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 10Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 11Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 12Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 13Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 14Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 15Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 16Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
FN8164 Rev 7.00
Page 17 of 17
August 17, 2015
X9241A
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2005-2015. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Plastic Dual-In-Line Packages (PDIP)
MDP0031
PLASTIC DUAL-IN-LINE PACKAGE
SYMBOL
INCHES
TOLERANCE
NOTES
PDIP8
PDIP14
PDIP16
PDIP18
PDIP20
A
0.210
0.210
0.210
0.210
0.210
MAX
A1
0.015
0.015
0.015
0.015
0.015
MIN
A2
0.130
0.130
0.130
0.130
0.130
±0.005
b
0.018
0.018
0.018
0.018
0.018
±0.002
b2
0.060
0.060
0.060
0.060
0.060
+0.010/-0.015
c
0.010
0.010
0.010
0.010
0.010
+0.004/-0.002
D
0.375
0.750
0.750
0.890
1.020
±0.010
1
E
0.310
0.310
0.310
0.310
0.310
+0.015/-0.010
E1
0.250
0.250
0.250
0.250
0.250
±0.005
2
e
0.100
0.100
0.100
0.100
0.100
Basic
eA
0.300
0.300
0.300
0.300
0.300
Basic
eB
0.345
0.345
0.345
0.345
0.345
±0.025
L
0.125
0.125
0.125
0.125
0.125
±0.010
N
8
14
16
18
20
Reference
Rev. C 2/07
NOTES:
1. Plastic or metal protrusions of 0.010” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions E and eA are measured with the leads constrained perpendicular to the seating plane.
4. Dimension eB is measured with the lead tips unconstrained.
5. 8 and 16 lead packages have half end-leads as shown.
D
L
A
e
b
A1
NOTE 5
A2
SEATING
PLANE
L
N
PIN #1
INDEX
E1
12
N/2
b2
E
eB
eA
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com