Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPIZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # X9241AMPIZ
Description  Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9241AMPIZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  X9241AMPIZ Datasheet HTML 1Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 2Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 3Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 4Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 5Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 6Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 7Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 8Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
X9241A
FN8164 Rev 7.00
Page 5 of 17
August 17, 2015
the wiper to this action will be delayed tSTPWV. A transfer from
WCR current wiper position to a Data Register is a write to
nonvolatile memory and takes a minimum of tWR to complete.
The transfer can occur between one of the four potentiometers
and one of its associated registers; or it may occur globally,
wherein the transfer occurs between all four of the
potentiometers and one of their associated registers.
Four instructions require a three-byte sequence to complete.
These instructions transfer data between the host and the
X9241A; either between the host and one of the Data
Registers or directly between the host and the WCR. These
instructions are: Read WCR, read the current wiper position of
the selected pot; Write WCR, change current wiper position of
the selected pot; Read Data Register, read the contents of the
selected nonvolatile register; Write Data Register, write a new
value to the selected Data Register. The sequence of
operations is shown in Figure 4.
The Increment/Decrement command is different from the other
commands. Once the command is issued and the X9241A has
responded with an acknowledge, the master can clock the
selected wiper up and/or down in one segment steps; thereby,
providing a fine tuning capability to the host. For each SCL
clock pulse (tHIGH) while SDA is HIGH, the selected wiper will
move one resistor segment towards the VH/RH terminal.
Similarly, for each SCL clock pulse while SDA is LOW, the
selected wiper will move one resistor segment towards the
VL/RL terminal. A detailed illustration of the sequence and
timing for this operation is shown in Figures 5 and 6
respectively.
S
T
A
R
T
0101
A3
A2
A1
A0
A
I3
I2
I1
I0
P1
P0
R1
R0
SCL
SDA
S
T
O
P
C
K
A
C
K
FIGURE 3. TWO-BYTE INSTRUCTION SEQUENCE
S
T
A
R
T
0
1
0
1
A3 A2 A1 A0
A
I3
I2
I1
I0
P1 P0 R1 R0
SCL
SDA
S
T
O
P
CM DW D5 D4 D3 D2
D1 D0
C
K
A
C
K
A
C
K
FIGURE 4. THREE-BYTE INSTRUCTION SEQUENCE
S
T
A
R
T
0
1
0
1
A3
A2A1A0
I3
I2
I1
I0
P1 P0
R1 R0
SCL
SDA
S
T
O
P
X
X
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
A
C
K
A
C
K
FIGURE 5. INCREMENT/DECREMENT INSTRUCTION SEQUENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com