Electronic Components Datasheet Search
  English  ▼

X  

ZL2005P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 3 Page - Renesas Technology Corp

  ZL2005P Datasheet HTML 1Page - Renesas Technology Corp ZL2005P Datasheet HTML 2Page - Renesas Technology Corp ZL2005P Datasheet HTML 3Page - Renesas Technology Corp ZL2005P Datasheet HTML 4Page - Renesas Technology Corp ZL2005P Datasheet HTML 5Page - Renesas Technology Corp ZL2005P Datasheet HTML 6Page - Renesas Technology Corp ZL2005P Datasheet HTML 7Page - Renesas Technology Corp ZL2005P Datasheet HTML 8Page - Renesas Technology Corp ZL2005P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 3 of 41
December 16, 2011
1
Electrical Characteristics
Table 1. Absolute Maximum Ratings
Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may
adversely impact product reliability and result in failures not covered by warranty. Unless otherwise specified, all
voltages are measured with respect to SGND.
Parameter
Pin(s)
Value
Unit
DC supply voltage
VDD
-0.3 to 17
V
Logic I/O voltage
DLY(0,1), EN, ILIM(0,1),
MGN, PG, SA(0,1), SALRT,
SCL, SDA, SS(0,1), SYNC,
VADJ, UVLO, V(0,1)
-0.3 to 6.5
V
Analog input voltages
ISENB, VSEN, VTRK,
ISENA, XTEMP
-0.3 to 6.5
V
MOSFET drive reference
VR
-0.3 to 6.5
V
Logic reference
V25
-0.3 to 3
V
High-side supply voltage
BST
-0.3 to +30
V
High-side drive voltage
GH
(VSW - 0.3) to (VBST+0.3)
V
Low-side drive voltage
GL
(PGND-0.3) to (VR+0.3+PGND)
V
Boost to switch differential voltage
(VBST - VSW)
BST, SW
-0.3 to 8
V
Switch node continuous
SW
(PGND-0.3) to 30
V
Switch node transient
(<100 ns)
SW
(PGND-5) to 30
V
Ground voltage differential
(VDGND-VSGND), (VPGND-VSGND)
DGND, SGND, PGND
-0.3 to +0.3
V
Junction temperature
–
-55 to 150
oC
Storage temperature range
–
-55 to 150
oC
Lead temperature
(soldering, 10s)
–
300
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com