Electronic Components Datasheet Search
  English  ▼

X  

ZL2005P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 5 Page - Renesas Technology Corp

  ZL2005P Datasheet HTML 1Page - Renesas Technology Corp ZL2005P Datasheet HTML 2Page - Renesas Technology Corp ZL2005P Datasheet HTML 3Page - Renesas Technology Corp ZL2005P Datasheet HTML 4Page - Renesas Technology Corp ZL2005P Datasheet HTML 5Page - Renesas Technology Corp ZL2005P Datasheet HTML 6Page - Renesas Technology Corp ZL2005P Datasheet HTML 7Page - Renesas Technology Corp ZL2005P Datasheet HTML 8Page - Renesas Technology Corp ZL2005P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 5 of 41
December 16, 2011
Soft start delay duration accuracy
–
6
–
ms
Soft start ramp duration range5
Configurable via I2C/SMBus
0
–
200
ms
Soft start ramp duration accuracy
–
100
–
µs
Logic Input/Output Characteristics
Logic input leakage current
Push-pull logic
-250
–
250
nA
Logic input low threshold (VIL)
–
–
0.8
V
Logic input OPEN (N/C)
Multi-mode logic pins
–
1.4
–
V
Logic input high threshold (VIH)
2
–
–
V
Logic output low (VOL)
IOL <= 4 mA
–
–
0.4
V
Logic output high (VOH)
IOH = - 2 mA
2.25
–
–
V
Oscillator and Switching Characteristics
Switching frequency range
200
–
1400
kHz
Switching frequency setpoint
accuracy
Predefined settings
(See Table 13)
-5
–
5
%
Maximum PWM duty cycle
Factory default
95
–
–
%
Minimum SYNC pulse width5
150
–
–
ns
Input clock frequency drift tolerance
External clock signal
-13
–
13
%
Gate Drivers
High-side driver voltage
(VBST - VSW)
–
4.5
–
V
High-side driver peak gate drive
current (pull down)5
(VBST - VSW) = 4.5 V
2
3
–
A
High-side driver pull-up resistance5
(VBST - VSW) = 4.5 V,
(VBST - VGH) = 50 mV
–
0.8
2
High-side driver pull-down
resistance5
(VBST - VSW) = 4.5 V,
(VGH - VSW) = 50 mV
–
0.5
2
Low-side driver peak gate drive
current (pull-up)5
VR = 5 V
–
2.5
–
A
Low-side driver peak gate drive
current (pull-down)5
VR = 5 V
–
1.8
–
A
Low-side driver pull-up resistance5
VR = 5 V,
(VR - VGL) = 50 mV
–
1.2
2
Low-side driver pull-down resistance5
VR = 5 V,
(VGL - PGND) = 50 mV
–
0.5
2
Switching timing
GH rise and fall time5
(VBST - VSW) = 4.5 V,
CLOAD = 2.2 nF
–
5
20
ns
GL rise and fall time5
VR = 5 V,
CLOAD = 2.2 nF
–
5
20
ns
Tracking
VTRK input bias current
VTRK = 5.5 V
–
110
200
µA
Table 3. Electrical Specifications Unless otherwise specified VDD = 12 V, TA = -40oC to +85oC. Typical values are at 
TA = 25
oC. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
Parameter
Condition
Min
(Note 6)
Typ
Max
(Note 6)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com