Electronic Components Datasheet Search
  English  ▼

X  

ZL2005P Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZL2005P Datasheet HTML 6Page - Renesas Technology Corp ZL2005P Datasheet HTML 7Page - Renesas Technology Corp ZL2005P Datasheet HTML 8Page - Renesas Technology Corp ZL2005P Datasheet HTML 9Page - Renesas Technology Corp ZL2005P Datasheet HTML 10Page - Renesas Technology Corp ZL2005P Datasheet HTML 11Page - Renesas Technology Corp ZL2005P Datasheet HTML 12Page - Renesas Technology Corp ZL2005P Datasheet HTML 13Page - Renesas Technology Corp ZL2005P Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 10 of 41
December 16, 2011
4
ZL2005P Overview
4.1 Digital-DC Architecture
The ZL2005P is an innovative mixed-signal power con-
version and power management IC based on Zilker
Labs’ patented Digital-DC technology that provides an
integrated, high performance step-down converter for a
wide variety of power supply applications. Its unique
digital PWM loop utilizes an innovative mixed-signal
topology to enable precise control of the power conver-
sion process with no software required, resulting in a
very flexible device that is also easy to use. An extensive
set of power management functions is fully integrated
and can be configured using simple pin connections or
via the I2C/SMBus hardware interface using standard
PMBus commands. The user configuration can be saved
in an on-chip non-volatile memory (NVM), allowing
ultimate flexibility.
Once enabled, the ZL2005P is immediately ready to reg-
ulate power and perform power management tasks with
no programming required. The ZL2005P can be config-
ured by simply connecting its pins according to the
tables provided in this document. Advanced configura-
tion options and real-time configuration changes are
available via the I2C/SMBus interface if desired, and
continuous monitoring of multiple operating parameters
is possible with minimal interaction from a host control-
ler. Integrated sub-regulation circuitry enables single
supply operation from any supply between 3V and 14V
with no secondary bias supplies needed.
Zilker Labs provides a comprehensive set of on-line
tools and application notes to assist with power supply
design and simulation. An evaluation board is also avail-
able to help the user become familiar with the device.
This board can be evaluated as a stand-alone platform
using pin configuration settings. Additionally, a Win-
dows™-based GUI is provided to enable full configura-
tion and monitoring capability via the I2C/SMBus
interface using an available computer and the included
USB cable.
Please refer to www.intersil.com/zilkerlabs/ for access to
the most up-to-date documentation and the PowerPi-
lotTM simulation tool, or call your local Zilker Labs’
sales office to order an evaluation kit.
4.2 ZL2005 - ZL2005P
By default, the ZL2005P is configured as a standard
ZL2005 device.
The main differences between the ZL2005P configured
as a ZL2005P and the initial ZL2005 are the following:
•
TACH pin is not used (reserved for ZL2005P POLA
configuration).
•
VADJ pin to adjust voltage through an external
resistor, similar to POLA method.
•
Additional configuration option for Synchroniza-
tion.
•DEFAULT STORE only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com