Electronic Components Datasheet Search
  English  ▼

X  

ZL2005P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZL2005P Datasheet HTML 2Page - Renesas Technology Corp ZL2005P Datasheet HTML 3Page - Renesas Technology Corp ZL2005P Datasheet HTML 4Page - Renesas Technology Corp ZL2005P Datasheet HTML 5Page - Renesas Technology Corp ZL2005P Datasheet HTML 6Page - Renesas Technology Corp ZL2005P Datasheet HTML 7Page - Renesas Technology Corp ZL2005P Datasheet HTML 8Page - Renesas Technology Corp ZL2005P Datasheet HTML 9Page - Renesas Technology Corp ZL2005P Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 6 of 41
December 16, 2011
VTRK tracking threshold5
VTRK >= 0.3 V
– 100
100
mV
Fault Protection Characteristics
UVLO threshold range
2.85
–
16
V
UVLO setpoint accuracy
ZL2005P configuration
-3
–
3
%
UVLO hysteresis
Factory default
–
3
–
%
Configurable via I2C/SMBus
0
–
100
%
UVLO delay
–
–
2.5
µs
Power good VOUT low threshold
Factory default
–
90
–
%
VOUT
Power good VOUT high threshold
Factory default
–
115
–
%
VOUT
Power good VOUT hysteresis
Factory default
–
5
–
%
Power good delay range5
Configurable via I2C/SMBus
0
–
500
s
VSEN undervoltage threshold
Factory default
85
–
%
VOUT
Configurable via I2C/SMBus5
0
–
110
%
VOUT
VSEN overvoltage threshold
Factory default
115
–
%
VOUT
Configurable via I2C/SMBus5
0
–
115
%
VOUT
VSEN undervoltage/overvoltage fault
response time
Factory default
–
16
–
µs
Configurable via I2C/SMBus5
5
–
60
µs
Current limit setpoint accuracy
(VOUT referenced)
–
±10
–
% F.S.1
Current limit setpoint accuracy2
(Ground referenced)
|VISENA - VISENB|> 12 mV
–
±10
–
% F.S.
Current limit protection delay
Factory default
–
5
–
tSW3
Configurable via I2C/SMBus5
1
–
32
Temperature compensation of current
limit protection threshold
Factory default
–
4400
–
ppm/°C
Configurable via I2C/SMBus5
100
–
12700
Thermal protection threshold
Factory default
–
125
–
°C
Configurable via I2C/SMBus5
- 40
–
125
°C
Thermal protection hysteresis
–
15
–
°C
NOTES:
1. Percentage of Full Scale (F.S.) with temperature compensation applied.
2. TA = 0oC to +85oC
3. tSW = 1/fSW, fSW switching frequency
4. Automatically set to same value as soft start ramp time.
5. Limits established by characterization and not production tested.
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Table 3. Electrical Specifications Unless otherwise specified VDD = 12 V, TA = -40oC to +85oC. Typical values are at 
TA = 25
oC. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
Parameter
Condition
Min
(Note 6)
Typ
Max
(Note 6)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com