Electronic Components Datasheet Search
  English  ▼

X  

ZL2005P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 4 Page - Renesas Technology Corp

  ZL2005P Datasheet HTML 1Page - Renesas Technology Corp ZL2005P Datasheet HTML 2Page - Renesas Technology Corp ZL2005P Datasheet HTML 3Page - Renesas Technology Corp ZL2005P Datasheet HTML 4Page - Renesas Technology Corp ZL2005P Datasheet HTML 5Page - Renesas Technology Corp ZL2005P Datasheet HTML 6Page - Renesas Technology Corp ZL2005P Datasheet HTML 7Page - Renesas Technology Corp ZL2005P Datasheet HTML 8Page - Renesas Technology Corp ZL2005P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 4 of 41
December 16, 2011
Table 2. Recommended Operating Conditions and Thermal Information
Parameter
Symbol
Min
Typ
Max
Unit
Input Supply Voltage Range, VDD
VR tied to VDD (Figure 9)
3.0
–
5.5
V
VR floating (Figure 9)
4.5
–
14
V
Output Voltage Range
VOUT (RDSON sensing)
0.54
5.5
V
Output Voltage Range
VOUT (DCR sensing)
0.6
3.63
V
Operating Junction Temperature Range
TJ
-40
–
125
°C
Junction to Ambient Thermal
Impedance1
JA
–
35
–
°C/W
Junction to Case Thermal Impedance2
JC
–
5
–
°C/W
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief
TB379.
2. For
JC, the “case” temperature is measured at the center of the exposed metal pad.
3. With margin
Table 3. Electrical Specifications Unless otherwise specified VDD = 12 V, TA = -40oC to +85oC. Typical values are at 
TA = 25
oC. Boldface limits apply over the operating temperature range, -40°C to +85°C.
Parameter
Condition
Min
(Note 6)
Typ
Max
(Note 6)
Unit
Input and Supply Characteristics
Supply current (IDD)
(No load on GH and GL)
fSW = 200 kHz
–
16
30
mA
fSW = 1,000 kHz
–
25
50
mA
Standby supply current (IDD)
EN = Low
no I2C/SMBus activity
–
2
5
mA
VR reference voltage (VR)
VDD  6 V
IVR < 50 mA
4.5
5.2
5.5
V
V25 reference voltage (V25)
VR  3 V
IV25 < 50 mA
2.25
2.5
2.75
V
Output Characteristics
Output voltage adjustment range
0.6
–
5.5
V
Output voltage setpoint resolution
Set using resistors on V(0,1)
Set using resistor on VADJ
–
10
Table 8
–
mV
Set using I2C/SMBus
–
±0.025
–
% of
F.S.1
Output voltage accuracy
Over line and load
-1
1
%
VSEN input bias current
VSEN = 5.5 V
–
110
200
µA
Current sense differential input voltage
(ground referenced)
VISENA - VISENB
-100
–
100
mV
Current sense differential input voltage
(VOUT referenced)
VISENA - VISENB
-50
–
50
mV
Current sense input bias current
Ground referenced
-100
–
100
µA
Current sense input bias current
(VOUT referenced, 
VOUT <= 3.6V)
ISENA
-1
–
1
µA
ISENB
-100
–
100
µA
Soft start delay duration range5
Configurable via I2C/SMBus
0.007
–
500
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com