Electronic Components Datasheet Search
  English  ▼

X  

ZL2005P Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZL2005P Datasheet HTML 4Page - Renesas Technology Corp ZL2005P Datasheet HTML 5Page - Renesas Technology Corp ZL2005P Datasheet HTML 6Page - Renesas Technology Corp ZL2005P Datasheet HTML 7Page - Renesas Technology Corp ZL2005P Datasheet HTML 8Page - Renesas Technology Corp ZL2005P Datasheet HTML 9Page - Renesas Technology Corp ZL2005P Datasheet HTML 10Page - Renesas Technology Corp ZL2005P Datasheet HTML 11Page - Renesas Technology Corp ZL2005P Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 8 of 41
December 16, 2011
18
VSEN
I
Output voltage feedback. Connect to output regulation point.
19
ISENB
I
Differential voltage input for current limit.
20
ISENA
I
Differential voltage input for current limit. High voltage tolerant.
21
VR
PWR
Internal 5V reference used to power internal drivers.
22
GL
O
Low side FET gate drive.
23
PGND
PWR
Power ground. Connect to low impedance ground plane.
24
SW
PWR
Drive train switch node.
25
GH
O
High-side FET gate drive.
26
BST
PWR
High-side drive boost voltage.
27
VDD3
PWR
Supply voltage.
28
V25
PWR
Internal 2.5 V reference used to power internal circuitry.
29
XTEMP
I
External temperature sensor input. Connect to external 2N3904 diode connected
transistor.
30
VADJ
I
Output voltage setting pin (POLA/DOSA mapping)
31
MGN
I
Digital VOUT margin control
32
CFG
I
Configuration pin. Used to control the switching phase offset, sequencing and
other management features.
33
EN
I
Enable. Active signal enables PWM switching.
34
DLY0
I, M
Softstart delay select. Sets the delay from when EN is asserted until the output
voltage starts to ramp.
35
DLY1
36
PG
O
Power good output.
ePad
SGND
PWR
Exposed thermal pad. Connect to low impedance ground plane. Internal
connection to SGND.
Table 4. Pin Descriptions (Continued)
Pin
Label
Type1
Description
NOTES:
1. I = Input, O = Output, PWR = Power or Ground, M = Multi-mode pin (refer to Section 4.5, “Multi-mode Pins,” )
2. The SYNC pin can be used as a logic pin, a clock input or a clock output.
3. VDD is measured internally and the value is used to modify the PWM loop gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com