Electronic Components Datasheet Search
  English  ▼

X  

ZL2005P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ZL2005P Datasheet HTML 5Page - Renesas Technology Corp ZL2005P Datasheet HTML 6Page - Renesas Technology Corp ZL2005P Datasheet HTML 7Page - Renesas Technology Corp ZL2005P Datasheet HTML 8Page - Renesas Technology Corp ZL2005P Datasheet HTML 9Page - Renesas Technology Corp ZL2005P Datasheet HTML 10Page - Renesas Technology Corp ZL2005P Datasheet HTML 11Page - Renesas Technology Corp ZL2005P Datasheet HTML 12Page - Renesas Technology Corp ZL2005P Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 9 of 41
December 16, 2011
3
Typical Application Example
Figure 3. Typical Application Circuit POLA
Figure 4. Typical Efficiency Curves
ZL2005P
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
DGND
SYNC
SA0
SA1
ILIM0
ILIM1
SCL
SDA
SALRT
VDD
BST
GH
SW
PGND
GL
VR
ISENA
ISENB
VIN
10
µF
4 V
CIN
3 x 10 µF
25 V
LOUT
I2C/SMBus
OPTIONAL
POWER
GOOD
CV25
DB
BAT54
CB
1 µF
16 V
VR
QH
Si7114
QL
NTMSF4108
0.56
µH
COUT
2 x 47 µF
6.3 V
4.7 µF
CVR
6.3 V
VOUT
RTN
EPAD
12V
V25
EN/
INHIBIT
9.09
kOhm
10
kOhm
11.5 kOhm
1.5 kOhm
110
kOhm
Notes:
1. Conditions: VIN = 12 V, VOUT = 1.2 V, Freq = 400 kHz, IOUT = 20 A
2. The I2C/SMBus requires pullup resistors. Please refer to the I2C/SMBus specifications for more details.
Load Current (A)
65
70
80
75
85
95
90
100
2
14
0
6
4
812
10
60
55
50
16 18 20
VIN = 12V
fSW = 400kHz
Circuit of Figure 3
VOUT = 3.3V
VOUT = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com