Electronic Components Datasheet Search
  English  ▼

X  

ZL2005P Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZL2005P Datasheet HTML 16Page - Renesas Technology Corp ZL2005P Datasheet HTML 17Page - Renesas Technology Corp ZL2005P Datasheet HTML 18Page - Renesas Technology Corp ZL2005P Datasheet HTML 19Page - Renesas Technology Corp ZL2005P Datasheet HTML 20Page - Renesas Technology Corp ZL2005P Datasheet HTML 21Page - Renesas Technology Corp ZL2005P Datasheet HTML 22Page - Renesas Technology Corp ZL2005P Datasheet HTML 23Page - Renesas Technology Corp ZL2005P Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 20 of 41
December 16, 2011
The soft start delay and ramp period can be set to custom
values via the I2C/SMBus interface. When the soft start
delay is set to 0 ms, the device will begin its ramp up
after the internal circuitry has initialized (approx. 6ms).
5.6 Power Good
The ZL2005P provides a Power Good (PG) signal that
indicates the output voltage is within a specified toler-
ance of its target level and no fault condition exists. By
default, the PG pin will assert if the output is within -
10% to +15% of the target voltage These limits may be
changed via the I2C/SMBus interface. See Application
Note AN2013 for details.
A PG delay period is defined as the time from when all
conditions within the ZL2005P for asserting PG are met
to when the PG pin is actually asserted. This feature is
commonly used instead of using an external reset con-
troller to control external digital logic. By default, the
ZL2005P PG delay is set equal to the soft-start ramp
time setting. Therefore, if the soft-start ramp time is set
to 10 ms, the PG delay will be set to 10 ms. The PG
delay may be set independently of the soft-start ramp
using the I2C/SMBus as described in Application Note
AN2013.
5.7 Switching Frequency and PLL
The ZL2005P incorporates an internal phase locked loop
(PLL) to clock the internal circuitry. The PLL can be
driven by an internal oscillator or driven from an exter-
nal clock source connected to the SYNC pin. When
using the internal oscillator, the SYNC pin can be con-
figured as a clock output for use by other devices. The
SYNC pin is a unique pin that can perform multiple
functions depending on how it is configured. The CFG
pin is used to select the operating mode of the SYNC pin
as shown in Table 15. Figure 16 illustrates the typical
connections for each mode.
Table 14. DLY and SS Resistor Values
DLY or
SS
RDLY or
RSS
DLY or
SS
RDLY or
RSS
0 ms
10 k
110 ms
28.7 k
10 ms
11 k
120 ms
31.6 k
20 ms
12.1 k
130 ms
34.8 k
30 ms
13.3 k
140 ms
38.3 k
40 ms
14.7 k
150 ms
42.2 k
50 ms
16.2 k
160 ms
46.4 k
60 ms
17.8 k
170 ms
51.1 k
70 ms
19.6 k
180 ms
56.2 k
80 ms
21.5 k
190 ms
61.9 k
90 ms
23.7 k
200 ms
68.1 k
100 ms
26.1 k
Table 15. SYNC Pin Function Selection
CFG Pin
SYNC Pin Function
LOW
SYNC is configured as an input
OPEN
Auto Detect mode
HIGH
SYNC is configured as an output
fSW = 400 kHz (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com