Electronic Components Datasheet Search
  English  ▼

X  

ZL2005P Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZL2005P Datasheet HTML 3Page - Renesas Technology Corp ZL2005P Datasheet HTML 4Page - Renesas Technology Corp ZL2005P Datasheet HTML 5Page - Renesas Technology Corp ZL2005P Datasheet HTML 6Page - Renesas Technology Corp ZL2005P Datasheet HTML 7Page - Renesas Technology Corp ZL2005P Datasheet HTML 8Page - Renesas Technology Corp ZL2005P Datasheet HTML 9Page - Renesas Technology Corp ZL2005P Datasheet HTML 10Page - Renesas Technology Corp ZL2005P Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 7 of 41
December 16, 2011
2
Pin Descriptions
Figure 2. Pin Assignments (top view)
Table 4. Pin Descriptions
Pin
Label
Type1
Description
1
DGND
PWR
Digital ground. Connect to low impedance ground plane.
2
SYNC
I/O, M2
Clock synchronization input. Used to set the frequency of the internal switch
clock, to sync to an external clock or to output internal clock.
3SA0
I, M
Serial address select pins. Used to assign unique address for each individual
device or to enable certain management features.
4SA1
5ILIM0
I, M
Current limit select. Sets the overcurrent threshold voltage for ISENA, ISENB.
6ILIM1
7
SCL
I/O
Serial clock. Connect to external host and/or to other ZL2005s.
8
SDA
I/O
Serial data. Connect to external host and/or to other ZL2005s.
9
SALRT
O
Serial alert. Connect to external host if desired.
10
FC0
I
Loop compensation selection pins.
11
FC1
I
12
V0
I, M
Output voltage selection pins. Used to set VOUT setpoint and VOUT max.
13
V1
14
UVLO
I, M
Undervoltage lockout selection. Sets the minimum value for VDD voltage to
enable VOUT.
15
SS0
I, M
Soft start pins. Set the output voltage ramp time during turn-on and turn-off.
16
SS1
17
VTRK
I
Tracking sense input. Used to track an external voltage source.
NOTES:
1. I = Input, O = Output, PWR = Power or Ground, M = Multi-mode pin (refer to Section 4.5, “Multi-mode Pins,” )
2. The SYNC pin can be used as a logic pin, a clock input or a clock output.
3. VDD is measured internally and the value is used to modify the PWM loop gain.
SA1
ILIM0
ILIM1
SCL
SDA
SALRT
DGND
SA0
SYNC
36-Pin QFN
6 x 6 mm
SW
PGND
GL
VR
ISENA
ISENB
VDD
GH
BST
Exposed Paddle
Connect to SGND
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com