Electronic Components Datasheet Search
  English  ▼

X  

AD9576 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9576
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9576 Datasheet HTML 28Page - Analog Devices AD9576 Datasheet HTML 29Page - Analog Devices AD9576 Datasheet HTML 30Page - Analog Devices AD9576 Datasheet HTML 31Page - Analog Devices AD9576 Datasheet HTML 32Page - Analog Devices AD9576 Datasheet HTML 33Page - Analog Devices AD9576 Datasheet HTML 34Page - Analog Devices AD9576 Datasheet HTML 35Page - Analog Devices AD9576 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
AD9576
Data Sheet
Rev. A | Page 32 of 65
For deterministic phase alignment through a reference
switchover event, configure the output frequency of QZD (and,
therefore, the PLL0 PFD frequency) such that it is equal to the
greatest common denominator (GCD) of all channel divider
output frequencies on the PLL0 synchronization domain and the
reference input.
In the following example,
•
fIN = 25 MHz
•
fOUT0_TO_OUT3 = 125 MHz
•
fOUT4_TO_OUT5 = 312.5 MHz
•
fOUT6_TO_OUT7 = 625 MHz
•
fOUT8_TO_OUT10 = 25 MHz from the PLL0 active reference input.
•
fPFD0 = GCD (25, 125, 312.5, 625) = 12.5 MHz
•
fVCO0 = 625 MHz × 4 = 2500 MHz
Therefore, R0 = 2 and M0 × QZD = 2500/12.5 = 200. This
requires the following conditions:
•
M0 ≥ 4 = ceil(200/64)
•
M0 = 4
•
QZD = 50
•
Q0 = 5
•
Q1 = 2
•
Q1 source = M0
•
Q2 = 1
•
Q2 source = M0
•
N0 = 200
In the following example,
•
fIN = 25 MHz
•
fOUT0_TO_OUT3 = 156.25 MHz
•
fOUT4_TO_OUT5 = 125 MHz
•
fOUT6_TO_OUT7 = 625 MHz
•
fOUT8_TO_OUT10 = 25 MHz from the PLL0 active reference input
•
fPFD0 = GCD (25, 125, 156.25, 625) = 6.25 MHz
•
fVCO0 = 625 MHz × 4 = 2500 MHz
Therefore, R0 = 4 and M0 × QZD = 2500/6.25 = 400. This
requires M0 ≥ 7 = ceil(400/64). M1 must be used to generate all
the required frequencies in this configuration, resulting in the
following settings:
•
M0 = 8
•
QZD = 50
•
Q0 = 2
•
M1 = 4
•
Q1 = 5
•
Q1 source = M1
•
Q2 = 1
•
Q2 source = M1
•
N0 = 400
However, the maximum value for N0 is 255. Therefore, to
calibrate the VCO, use Loop Mode 1, which requires N0 = 50
and N0A = 8. See the PLL0 VCO Calibration section for
detailed information about calibrating in Loop Mode 2 when
M0 × QZD > 255.
Note that using smooth switchover minimizes the phase offset
between reference inputs for a reference switchover event.
Therefore, the use of smooth switching allows deterministic
phase alignment to be maintained through a switchover event
without the need for the reference input divider.
PLL0 Phase Frequency Detector (PFD) and Charge Pump
The PFD determines the phase difference between the edges of
the reference divider output and the feedback divider output.
The maximum operating frequency of the PFD depends on the
operating mode of the PLL (see Table 6).
The circuit provides two pulse-width modulated output signals:
up and down. These up/down pulses drive the charge pump
circuit. The instantaneous phase error determines the amount
of charge delivered from the charge pump to the loop filter. The
closed-loop of the PLL typically drives the frequency and phase
difference between the two PFD input signals toward zero.
The 1.8 V charge pump current is user-programmable in
increments of 4 µA up to 1.02 mA via the PLL0 charge pump
current bits (Register 0x102, Bits[7:0]). The charge pump
current is determined by multiplying the bit field value of the
PLL0 charge pump current bits by 4 µA. For example, the
default setting of 0x8D produces a charge pump current of
141 × 4 µA = 564 µA.
PLL0 Loop Filter
The loop filter affects the dynamic characteristics of a PLL (for
example, lock time and stability). The AD9576 provides both
internal and external partially integrated loop filter capabilities
for VCO0. The loop filter used is specified by the PLL0 loop
filter bypass bit (Register 0x104, Bit 0). Setting this bit to Logic 0
uses the internal loop filter, whereas Logic 1 uses an external
loop filter for VCO0. For both the external and internal loop
filter, the value of CPOLE2 is fixed internally to 16 pF.
Operating VCO0 with the internal loop filter requires a
single 4.7 nF external capacitor connected between the LF and
LDO_BYP pins. The other loop filter components are internal
and can be programmed through the PLL0 loop filter bits
(Register 0x103, Bits[7:0]). Note PLL0 uses a static charge
pump current; therefore, the nominal bandwidth of 400 kHz
varies slightly as the feedback divide ratio deviates from a value
of 50.
When VCO0 uses the external loop filter, the value of
RPOLE2 is internal and set by the PLL0 loop filter RPOLE2 bits
(Register 0x103, Bits[7:6]). The remaining components, RZERO,
CZERO, and CPOLE1 are external to the AD9576 and are configured
by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com