Electronic Components Datasheet Search
  English  ▼

X  

AD9576 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9576
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9576 Datasheet HTML 13Page - Analog Devices AD9576 Datasheet HTML 14Page - Analog Devices AD9576 Datasheet HTML 15Page - Analog Devices AD9576 Datasheet HTML 16Page - Analog Devices AD9576 Datasheet HTML 17Page - Analog Devices AD9576 Datasheet HTML 18Page - Analog Devices AD9576 Datasheet HTML 19Page - Analog Devices AD9576 Datasheet HTML 20Page - Analog Devices AD9576 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
Data Sheet
AD9576
Rev. A | Page 17 of 65
ABSOLUTE MAXIMUM RATINGS
Table 17.
Parameter
Rating
VDD_x to GND
−0.3 V to +3.6 V
Junction Temperature1
150°C
Storage Temperature Range
−65°C to +150°C
1 See Table 18 for θJA.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 18. Thermal Resistance
Package Type
θJA
Unit
CP-64-171
22.7
°C/W
1 Thermal impedance is based on a 4-layer board in still air in accordance with
a JEDEC JESD51-7 plus JEDEC JESD51-5 2S2P test board and in accordance with
JEDEC JESD51-2 (still air).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com