Electronic Components Datasheet Search
  English  ▼

X  

AD9576 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9576
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9576 Datasheet HTML 25Page - Analog Devices AD9576 Datasheet HTML 26Page - Analog Devices AD9576 Datasheet HTML 27Page - Analog Devices AD9576 Datasheet HTML 28Page - Analog Devices AD9576 Datasheet HTML 29Page - Analog Devices AD9576 Datasheet HTML 30Page - Analog Devices AD9576 Datasheet HTML 31Page - Analog Devices AD9576 Datasheet HTML 32Page - Analog Devices AD9576 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
Data Sheet
AD9576
Rev. A | Page 29 of 65
completes the reference switchover process. In manual smooth
reference switchover mode, confirm that the device has completed
the requested switch to the desired reference (REF_SW pin =
Logic 0) before initiating a subsequent change of reference request.
Changing the state of the REF_SEL pin or the soft reference
select bit before the internal state machine completes the previous
smooth reference switching process does not result in a
subsequent reference switch.
Because the smooth reference switchover function waits for a
minimal phase offset between references prior to making a
switch, if either of the reference inputs are removed completely
and a switchover request is initiated, the internal smooth
switching state machine stalls and the device is unable to switch
references, thereby retaining the currently active reference. If
the current active reference fails, the device loses lock, thereby
necessitating a device reset. If the requested reference fails, the
device retains the currently active reference, but switches to the
requested reference if it becomes available. Note that, as long as
a reference remains absent, the state machine remains stalled.
Only a device reset makes the state machine disregard the initial
request to switch references.
PLL0 INTEGER-N/FRACTIONAL-N PLL
PLL0 is a fractional-N PLL capable of operating in integer
mode. It consists of seven functional elements: a reference
frequency prescalar, a PFD, a charge pump, a loop filter, a VCO,
feedback dividers, and an optional, third-order, Σ-Δ modulator
(SDM) that allows fractional divide ratios. PLL0 provides two
independent reference clock input signals. The device supports
differential, single-ended, and XTAL operation for both reference
clocks. PLL0 provides 10 outputs, segregated into four groups.
Each group has a dedicated channel divider allowing the device
to produce four different output frequencies simultaneously.
Note that PLL0 is capable of several different loop configurations,
with each described in the following sections. Figure 21 shows
the functional block diagram of PLL0.
PLL0
FRAC-N/
INT-N
ACTIVE
REF
×2
÷R0
÷N0A
CHARGE
PUMP
÷M0
VCO0
÷M1
÷QZD
÷N0
Figure 21. PLL0 Functional Block Diagram
PLL0 Reference Frequency Scaling
The frequency of the active input reference (REF0 or REF1) is
scalable via the PLL0 doubler enable bit (Register 0x101, Bit 3)
and the R0 divider ratio bits (Register 0x105, Bits[5:0]). This
allows the user to scale the input reference frequency to satisfy
the input range of the PFD. When the PLL0 doubler enable bit
is set to Logic 1, the input frequency to the PFD of PLL0, fPFD0, is
twice the active reference input frequency. When the PLL0
doubler enable bit is set to Logic 0, fPFD0 is a function of the active
reference frequency scaled by the R0 divider ratio bits.
fPFD0 =
R0
fREF
where:
fREF
is the frequency of the active reference, REF0 or REF1.
R0 is the value of the R0 divider ratio bits.
When the PLL0 doubler enable bit is set to Logic 1, the
frequency appearing at the input to the PFD of PLL0, fPFD0, is
the active reference frequency multiplied by a factor of two.
fPFD0
= fREF × 2
where fREF is the frequency of the active reference, REF0 or REF1.
Note that, when the ×2 frequency multiplier is in use, the active
reference signal must have a duty cycle close to 50%. Otherwise,
spurious artifacts (harmonics) may propagate through the
signal path and appear at the output of PLL0.
PLL0 Loop Configurations
PLL0 is capable of three different loop configurations. Loop 0 is the
fractional translation path, Loop 1 accommodates low frequency
reference inputs, and Loop 2 is a zero delay feedback path. The
PLL0 loop configuration is selected by programming the PLL0
loop mode bits (Register 0x101, Bits[2:1]) as shown in Table 25.
Table 25. PLL0 Loop Configuration Decode
PLL0 Loop Configuration
Register 0x101,
Bits[2:1] Value
Loop 0: Fractional-N/Integer-N
00
Loop 1: Low PFD Frequency
01
Loop 2: Zero Delay
10
Reserved
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com