Electronic Components Datasheet Search
  English  ▼

X  

AD9576 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9576
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9576 Datasheet HTML 12Page - Analog Devices AD9576 Datasheet HTML 13Page - Analog Devices AD9576 Datasheet HTML 14Page - Analog Devices AD9576 Datasheet HTML 15Page - Analog Devices AD9576 Datasheet HTML 16Page - Analog Devices AD9576 Datasheet HTML 17Page - Analog Devices AD9576 Datasheet HTML 18Page - Analog Devices AD9576 Datasheet HTML 19Page - Analog Devices AD9576 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
AD9576
Data Sheet
Rev. A | Page 16 of 65
I2C Mode
Table 16.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SDA, SCL VOLTAGE
When inputting data
Input Logic 1
0.7 × VDD_x
V
Input Logic 0
0.3 × VDD_x
V
Input Current
−10
+10
µA
Input voltage between 0.1 × VDD_x and
0.9 × VDD_x
Hysteresis of Schmitt Trigger Inputs
0.015 × VDD_x
V
SDA
When outputting data
Output Logic 0 Voltage at 3 mA Sink
Current
0.2
V
Output Fall Time from VIHMIN to VILMAX
20 + 0.1 CB1
250
ns
Bus capacitance from 10 pF to 400 pF
TIMING
All I2C timing values are referred to VIHMIN
(0.3 × VDD) and VILMAX levels (0.7 × VDD)
Clock Rate (SCL, fI2C)
400
kHz
Bus Free Time Between a Stop and
Start Condition
tBUF
1.3
µs
Setup Time for a Repeated Start
Condition
tSU; STA
0.6
µs
Hold Time (Repeated) Start Condition
tHD;STA
0.6
µs
After this period, the first clock pulse is
generated
Setup Time for a Stop Condition
tSU; STO
0.6
µs
Low Period of the SCL Clock
tLOW
1.3
µs
High Period of the SCL Clock
tHIGH
0.6
µs
SCL, SDA Rise Time
tR
20 + 0.1 CB1
300
ns
SCL, SDA Fall Time
tF
20 + 0.1 CB1
300
ns
Data Setup Time
tSU; DAT
100
ns
Data Hold Time
tHD; DAT
0
ns
Capacitive Load for Each Bus Line
CB1
400
pF
1 CB is the capacitance of one bus line in picofarads (pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com