Electronic Components Datasheet Search
  English  ▼

X  

AD9576 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9576
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9576 Datasheet HTML 17Page - Analog Devices AD9576 Datasheet HTML 18Page - Analog Devices AD9576 Datasheet HTML 19Page - Analog Devices AD9576 Datasheet HTML 20Page - Analog Devices AD9576 Datasheet HTML 21Page - Analog Devices AD9576 Datasheet HTML 22Page - Analog Devices AD9576 Datasheet HTML 23Page - Analog Devices AD9576 Datasheet HTML 24Page - Analog Devices AD9576 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Data Sheet
AD9576
Rev. A | Page 21 of 65
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
58
OUT10
Output
2.5 V/3.3 V CMOS,
1.8 V CMOS, HSTL,
LVDS, HCSL
Clock Output 10. When configured as 2.5 V/3.3 V CMOS, the logic high level is
determined by VDD_OUT10. The power-on format is determined via PPR1
(Pin 26). This pin is independently configurable via the serial port.
59
OUT10
Output
2.5 V/3.3 V CMOS,
1.8 V CMOS, HSTL,
LVDS, HCSL
Complimentary Clock Output 10. This pin is the complimentary signal to
the output on Pin 58 (OUT10).
60
VDD_VCO1
Input
Power
2.5 V or 3.3 V Power Supply.
61
VDD_PLL1
Input
Power
2.5 V or 3.3 V Power Supply.
62
LD_1
Output
2.5 V/3.3 V CMOS
PLL1 Lock Detector Status. Logic 0 means unlocked; Logic 1 means locked.
63
RESET
Input
Control
Reset. Logic 0 initializes the device to its default state (see the PPRx Pins
section for details). This pin has an internal 30 kΩ pull-up resistor.
64
VDD_REF2
Input
Power
2.5 V or 3.3 V Power Supply. Configure this supply to set the full swing
CMOS logic high level of Reference Input 2, REF2.
EPAD
Input
Ground
Exposed Pad. The exposed pad is a ground connection on the chip that
must be soldered to the analog ground of the PCB to ensure proper
functionality, heat dissipation, noise, and mechanical strength benefits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com