Electronic Components Datasheet Search
  English  ▼

X  

AD9576 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9576
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9576 Datasheet HTML 35Page - Analog Devices AD9576 Datasheet HTML 36Page - Analog Devices AD9576 Datasheet HTML 37Page - Analog Devices AD9576 Datasheet HTML 38Page - Analog Devices AD9576 Datasheet HTML 39Page - Analog Devices AD9576 Datasheet HTML 40Page - Analog Devices AD9576 Datasheet HTML 41Page - Analog Devices AD9576 Datasheet HTML 42Page - Analog Devices AD9576 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
Data Sheet
AD9576
Rev. A | Page 39 of 65
Device programming consists of connecting the appropriate
value programming resistors to the PPRx pins and terminating the
resistors to VDD_x or GND (per Table 31). For example, Figure 27
shows how to program PPR0 to State 3.
Table 31. PPRx State
PPRx State
Resistance
Terminus
0
820 Ω
GND
1
1.8 kΩ
GND
2
3.9 kΩ
GND
3
8.2 kΩ
GND
4
820 Ω
VDD
5
1.8 kΩ
VDD
6
3.9 kΩ
VDD
7
8.2 kΩ
VDD
24
PPR0
AD9576
8.2k
Ω
Figure 27. PPRx Programming Resistor Example
For details regarding the device configuration based on the
scanned PPRx states, refer to the description of each PPRx pin
in the following sections.
PPR0—Reference Clock Input Configuration
The PPR0 pin controls the configuration of the reference clock
inputs (REF0, REF1, REF2) and the select line of the PLL1
reference input mux. Table 32 associates each PPR0 state with a
particular reference input configuration and PLL1 source
combination.
PPR1—OUT10 Configuration
The PPR1 pin controls the frequency, driver format, and source
of OUT10, which requires the PLL1 reference input, and therefore
REF2, if used, to be 25 MHz. Note that, if REF0/REF1 is configured
to a frequency other than 25 MHz, the PLL1 source must be
configured as REF2. Table 33 associates each PPR1 state with a
particular OUT10 configuration.
PPR2 and PPR3—REF0/REF1 Frequency and OUT0 to
OUT9 Configuration
The PPR2 and PPR3 pins control the configuration of the REF0
and REF1 input frequency, PLL0, OUT0 to OUT9 driver format
and frequency, and the OUT8 to OUT9 source. Table 34 associates
each combination of PPR2 and PPR3 states with a particular
predefined frequency translation.
Table 32. PPR0—Input Receiver Formats and PLL1 Source
PPR0 State
REF0/REF1 Input Configuration
REF2 Input Configuration
PLL1 Source
PLL0 Doubler
PLL1 Doubler
0
XTAL
2.5 V/3.3 V CMOS
PLL0 active reference
Enabled
Disabled
1
2.5 V/3.3 V CMOS
2.5 V/3.3 V CMOS
PLL0 active reference
Enabled
Disabled
2
2.5 V/3.3 V CMOS
2.5 V/3.3 V CMOS
PLL0 active reference
Disabled
Disabled
3
Differential/1.8 V LVCMOS
2.5 V/3.3 V CMOS
PLL0 active reference
Disabled
Disabled
4
XTAL
XTAL
REF2
Enabled
Disabled
5
2.5 V/3.3 V CMOS
2.5 V/3.3 V CMOS
REF2
Enabled
Disabled
6
Differential/1.8 V LVCMOS
XTAL
REF2
Enabled
Disabled
7
Differential/1.8 V LVCMOS
2.5 V/3.3 V CMOS
REF2
Enabled
Disabled
Table 33. PPR1—OUT10 Configuration
PPR1 State
OUT10 Frequency (MHz)
OUT10 Format
OUT10 Source
0
25
2.5 V/3.3 V CMOS
PLL1 reference
1
33.3 (100/3)
2.5 V/3.3 V CMOS
PLL1 output
2
50
2.5 V/3.3 V CMOS
PLL1 output
3
66.67 (200/3)
2.5 V/3.3 V CMOS
PLL1 output
4
100
LVDS
PLL1 output
5
133.3 (400/3)
LVDS
PLL1 output
6
200
LVDS
PLL1 output
7
400
LVDS
PLL1 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com