Electronic Components Datasheet Search
  English  ▼

X  

AD9576 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9576
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9576 Datasheet HTML 19Page - Analog Devices AD9576 Datasheet HTML 20Page - Analog Devices AD9576 Datasheet HTML 21Page - Analog Devices AD9576 Datasheet HTML 22Page - Analog Devices AD9576 Datasheet HTML 23Page - Analog Devices AD9576 Datasheet HTML 24Page - Analog Devices AD9576 Datasheet HTML 25Page - Analog Devices AD9576 Datasheet HTML 26Page - Analog Devices AD9576 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
Data Sheet
AD9576
Rev. A | Page 23 of 65
0
5
10
15
20
25
30
35
40
TIME (ns)
100MHz
400MHz
Figure 11. OUT8 Output Waveform, HCSL (100 MHz, 400 MHz)
0
10
2030405060
TIME (ns)
Figure 12. OUT8 Output Waveform, 1.8 V CMOS (66.67 MHz), 10 pF Load
0
5
10
15
20
25
30
TIME (ns)
Figure 13. OUT8 Output Waveform, LVDS (133.3 MHz)
0
5
10
15
20
25
TIME (ns)
Figure 14. OUT0 Output Waveform, LVDS ( 312.5 MHz)
0
20
40
60
80
100
120
140
160
TIME (ns)
Figure 15. OUT8 Output Waveform, 3.3 V CMOS (25 MHz), 10 pF Load
0
5
10
15
20
25
30
TIME (ns)
Figure 16. OUT8 Output Waveform, 3.3 V CMOS (133.3 MHz), 10 pF Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com