Electronic Components Datasheet Search
  English  ▼

X  

AD9576 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9576
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9576 Datasheet HTML 9Page - Analog Devices AD9576 Datasheet HTML 10Page - Analog Devices AD9576 Datasheet HTML 11Page - Analog Devices AD9576 Datasheet HTML 12Page - Analog Devices AD9576 Datasheet HTML 13Page - Analog Devices AD9576 Datasheet HTML 14Page - Analog Devices AD9576 Datasheet HTML 15Page - Analog Devices AD9576 Datasheet HTML 16Page - Analog Devices AD9576 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
Data Sheet
AD9576
Rev. A | Page 13 of 65
PLL1 AND BYPASS CHANNEL ABSOLUTE CLOCK JITTER SPECIFICATIONS
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
HSTL INTEGRATED RMS JITTER
25 MHz Output
0.125
ps
Source = 25 MHz Taitien XTAL; jitter integration bandwidth =
12 kHz to 5 MHz
100 MHz Output
1.605
ps
Source = PLL1; Qx divider = 8; jitter integration bandwidth =
12 kHz to 20 MHz
400 MHz Output
1.641
ps
Source = PLL1; Qx divider = 2; jitter integration bandwidth =
12 kHz to 20 MHz
HCSL INTEGRATED RMS JITTER
25 MHz Output
0.287
ps
Source = 25 MHz Taitien XTAL; jitter integration bandwidth =
12 kHz to 5 MHz
100 MHz Output
1.54
ps
Source = PLL1; Qx divider = 8; jitter integration bandwidth =
12 kHz to 20 MHz
400 MHz Output
1.617
ps
Source = PLL1; Qx divider = 2; jitter integration bandwidth =
12 kHz to 20 MHz
LVDS INTEGRATED RMS JITTER
25 MHz Output
0.535
ps
Source = 25 MHz Taitien XTAL; jitter integration bandwidth =
12 kHz to 5 MHz
100 MHz Output
1.535
ps
Source = PLL1; Qx divider = 8; jitter integration bandwidth =
12 kHz to 20 MHz
400 MHz Output
1.605
ps
Source = PLL1; Qx divider = 2; jitter integration bandwidth =
12 kHz to 20 MHz
2.5 V CMOS INTEGRATED RMS JITTER
25 MHz Output
0.17
ps
Source = 25 MHz Taitien XTAL; jitter integration bandwidth =
12 kHz to 5 MHz
100 MHz Output
1.669
ps
Source = PLL1; Qx divider = 8; jitter integration bandwidth =
12 kHz to 20 MHz
400 MHz Output
1.586
ps
Source = PLL1; Qx divider = 2; jitter integration bandwidth =
12 kHz to 20 MHz
OUT8 TO OUT10 CHANNEL CYCLE TO CYCLE CLOCK JITTER SPECIFICATIONS
Frequency multiplier (×2) at PLL input enabled. Cycle to cycle jitter magnitude varies with respect to the clock edge (rising or falling).
Table 12 indicates jitter for the worst edge (rising or falling). The better edge typically offers a factor of 2 improvement over the tabulated jitter.
Table 12.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS CYCLE TO CYCLE JITTER
Peak-to-peak jitter, 10,000 cycles
66.6 MHz Output
43.9
ps
133.3 MHz Output
30.3
ps
1.8 V CMOS CYCLE TO CYCLE JITTER
Peak-to-peak jitter, 10,000 cycles
66.6 MHz Output
35.3
ps
133.3 MHz Output
27.4
ps
3.3 V CMOS CYCLE TO CYCLE JITTER
Peak-to-peak jitter, 10,000 cycles
33.3 MHz Output
83
ps
66.6 MHz Output
44.9
ps
133.3 MHz Output
65.4
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com