Electronic Components Datasheet Search
  English  ▼

X  

AD9576 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9576
Description  Dual PLL, Asynchronous Clock Generator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9576 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9576 Datasheet HTML 36Page - Analog Devices AD9576 Datasheet HTML 37Page - Analog Devices AD9576 Datasheet HTML 38Page - Analog Devices AD9576 Datasheet HTML 39Page - Analog Devices AD9576 Datasheet HTML 40Page - Analog Devices AD9576 Datasheet HTML 41Page - Analog Devices AD9576 Datasheet HTML 42Page - Analog Devices AD9576 Datasheet HTML 43Page - Analog Devices AD9576 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
AD9576
Data Sheet
Rev. A | Page 40 of 65
Table 34. PPR2 and PPR3—REF0/REF1 Frequency and OUT0 to OUT9 Configuration1
PPR2
State
PPR3
State
REF0/REF1
OUT0 to OUT3
OUT4 to OUT5
OUT6 to OUT7
OUT8 to OUT9
Frequency
(MHz)
Frequency
(MHz)
Format
Frequency
(MHz)
Format
Frequency
(MHz)
Format
Frequency
(MHz)
Format
Source
0
0
25
Disabled
N/A
Disabled
N/A
Disabled
N/A
Disabled
N/A
N/A
0
1
25
156.25
HSTL
156.25
HSTL
156.25
HSTL
156.25
HSTL
PLL0
0
2
25
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
PLL0
0
3
25
156.25
HSTL
156.25
HSTL
100
HSTL
25
2.5 V/3.3 V
CMOS
PLL1
source
0
4
25
156.25
LVDS
156.25
LVDS
100
HSTL
25
2.5 V/3.3 V
CMOS
PLL1
source
0
5
25
156.25
HSTL
125
HSTL
100
HSTL
50
2.5 V/3.3 V
CMOS
PLL1
0
6
25
156.25
HSTL
125
HSTL
100
HSTL
25
2.5 V/3.3 V
CMOS
PLL1
source
0
7
25
156.25
LVDS
125
LVDS
100
HSTL
25
2.5 V/3.3 V
CMOS
PLL1
source
1
0
25
156.25
LVDS
125
LVDS
25
HSTL
25
2.5 V/3.3 V
CMOS
PLL1
source
1
1
25
156.25
HSTL
125
HSTL
25
HSTL
25
2.5 V/3.3 V
CMOS
PLL1
source
1
2
25
156.25
HSTL
100
HSTL
50
HSTL
125
HSTL
PLL0
1
3
25
156.25
LVDS
100
LVDS
50
HSTL
125
HSTL
PLL0
1
4
25
156.25
LVDS
100
LVDS
100
LVDS
25
2.5 V/3.3 V
CMOS
PLL1
source
1
5
25
156.25
HSTL
100
HSTL
25
HSTL
25
2.5 V/3.3 V
CMOS
PLL1
source
1
6
25
156.25
LVDS
100
LVDS
25
HSTL
25
2.5 V/3.3 V
CMOS
PLL1
source
1
7
25
156.25
HSTL
100
HSTL
125
HSTL
312.5
HSTL
PLL0
2
0
25
156.25
LVDS
100
LVDS
125
LVDS
312.5
LVDS
PLL0
2
1
25
156.25
HSTL
312.5
HSTL
125
HSTL
25
HSTL
PLL1
source
2
2
25
156.25
LVDS
312.5
LVDS
125
LVDS
25
LVDS
PLL1
source
2
3
25
312.5
HSTL
100
HSTL
100
HSTL
156.25
HSTL
PLL0
2
4
25
312.5
LVDS
100
LVDS
100
LVDS
156.25
LVDS
PLL0
2
5
25
312.5
HSTL
100
HSTL
125
HSTL
156.25
HSTL
PLL0
2
6
25
312.5
LVDS
100
LVDS
125
LVDS
156.25
LVDS
PLL0
2
7
25
312.5
HSTL
100
HSTL
156.25
HSTL
156.25
HSTL
PLL0
3
0
25
312.5
LVDS
100
LVDS
156.25
LVDS
156.25
LVDS
PLL0
3
1
25
625
HSTL
100
LVDS
100
LVDS
156.25
HSTL
PLL0
3
2
25
100
HSTL
312.5
HSTL
156.25
HSTL
125
HSTL
PLL0
3
3
25
100
LVDS
312.5
LVDS
156.25
LVDS
125
LVDS
PLL0
3
4
25
100
HSTL
312.5
HSTL
156.25
HSTL
25
HSTL
PLL1
source
3
5
25
100
LVDS
312.5
LVDS
156.25
LVDS
25
LVDS
PLL1
source
3
6
25
100
HSTL
100
HSTL
100
HSTL
100
HCSL
PLL0
3
7
25
100
LVDS
100
LVDS
100
LVDS
100
HCSL
PLL0
4
0
25
125
HSTL
125
HSTL
125
HSTL
125
HSTL
PLL0
4
1
25
125
LVDS
125
LVDS
125
LVDS
125
LVDS
PLL0
4
2
25
125
HSTL
100
HSTL
100
HSTL
100/3
HSTL
PLL1
4
3
25
125
LVDS
100
LVDS
100
LVDS
100/3
LVDS
PLL1
4
4
25
125
HSTL
100
HSTL
25
HSTL
25
HSTL
PLL1
source
4
5
25
125
LVDS
100
LVDS
25
LVDS
25
LVDS
PLL1
source
4
6
25
25
LVDS
25
LVDS
125
LVDS
100
HCSL
PLL0
4
7
25
100
LVDS
100
LVDS
125
HSTL
25
2.5 V/3.3 V
CMOS
PLL1
source
5
0
25
100
HSTL
100
HSTL
125
HSTL
25
2.5 V/3.3 V
CMOS
PLL1
source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com