Electronic Components Datasheet Search
  English  ▼

X  

FH52 Datasheet(PDF) 9 Page - Hirose Electric

Part # FH52
Description  0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH52 Datasheet(HTML) 9 Page - Hirose Electric

Back Button FH52 Datasheet HTML 5Page - Hirose Electric FH52 Datasheet HTML 6Page - Hirose Electric FH52 Datasheet HTML 7Page - Hirose Electric FH52 Datasheet HTML 8Page - Hirose Electric FH52 Datasheet HTML 9Page - Hirose Electric FH52 Datasheet HTML 10Page - Hirose Electric FH52 Datasheet HTML 11Page - Hirose Electric FH52 Datasheet HTML 12Page - Hirose Electric FH52 Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FH52 Series●0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
B±0.05
0.5±0.05
0.3±0.03(Land pattern)
0.25±0.03(Metal mask)
E±0.05
0.8±0.03
Connector image
F±0.1
G±0.05
B±0.03
0.5±0.07
0.5±0.07
0.3±0.05
2-R0.2±0.1
2-R0.2±0.1
2-R0.2±0.1
2-R0.2±0.05
0.5±0.03
0.35±0.03(FPC)
0.3±0.03(FFC)
2-R0.2±0.05
1
1
1
1
1
BRecommended PCB Mounting Pattern and Metal Mask Dimensions
BRecommended FPC/FFC Dimensions
Unit : mm
Part No.
HRS No.
No. of contacts
B
E
F
G
FH52-4S-0.5SH(**)
Under planning (Note 1)
4
1.5
4.1
4.1
2.5
FH52-5S-0.5SH(**)
5
2.0
4.6
4.6
3.0
FH52-6S-0.5SH(**)
580-3304-0 **
6
2.5
5.1
5.1
3.5
FH52-8S-0.5SH(**)
580-3305-3 **
8
3.5
6.1
6.1
4.5
FH52-10S-0.5SH(**)
580-3306-6 **
10
4.5
7.1
7.1
5.5
FH52-11S-0.5SH(**)
580-3320-7 **
11
5.0
7.6
7.6
6.0
FH52-12S-0.5SH(**)
580-3307-9 **
12
5.5
8.1
8.1
6.5
FH52-15S-0.5SH(**)
580-3302-5 **
15
7.0
9.6
9.6
8.0
FH52-16S-0.5SH(**)
Under planning (Note 1)
16
7.5
10.1
10.1
8.5
FH52-18S-0.5SH(**)
580-3321-0 **
18
8.5
11.1
11.1
9.5
FH52-20S-0.5SH(**)
580-3309-4 **
20
9.5
12.1
12.1
10.5
FH52-22S-0.5SH(**)
580-3317-2 **
22
10.5
13.1
13.1
11.5
FH52-24S-0.5SH(**)
580-3318-5 **
24
11.5
14.1
14.1
12.5
FH52-25S-0.5SH(**)
580-3316-0 **
25
12.0
14.6
14.6
13.0
FH52-26S-0.5SH(**)
580-3319-8 **
26
12.5
15.1
15.1
13.5
FH52-28S-0.5SH(**)
580-3324-8 **
28
13.5
16.1
16.1
14.5
FH52-30S-0.5SH(**)
580-3310-3 **
30
14.5
17.1
17.1
15.5
FH52-32S-0.5SH(**)
580-3325-0 **
32
15.5
18.1
18.1
16.5
FH52-40S-0.5SH(**)
580-3300-0 **
40
19.5
22.1
22.1
20.5
FH52-42S-0.5SH(**)
580-3329-1 **
42
20.5
23.1
23.1
21.5
FH52-45S-0.5SH(**)
580-3311-6 **
45
22.0
24.6
24.6
23.0
FH52-50S-0.5SH(**)
580-3303-8 **
50
24.5
27.1
27.1
25.5
FH52-60S-0.5SH(**)
580-3301-2 **
60
29.5
32.1
32.1
30.5
Note 1 : Contact positions without HRS No. are currently under planning. Please contact hirose for detailed information about product variation.
Recommended metal mask thickness : 0.12mm
* The recommended PCB mounting pattern for the FH12 Series (horizontal
mounting type) can be used as well.
[FH52 (Standard Type) 0.5mm Pitch product]
[FH52 (Standard Type) 0.5mm Pitch product]
Notes
FFC/FPC without tabs can also be used.
In that case, the specified portions are not necessary.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com