Electronic Components Datasheet Search
  English  ▼

X  

FH52 Datasheet(PDF) 1 Page - Hirose Electric

Part # FH52
Description  0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH52 Datasheet(HTML) 1 Page - Hirose Electric

  FH52 Datasheet HTML 1Page - Hirose Electric FH52 Datasheet HTML 2Page - Hirose Electric FH52 Datasheet HTML 3Page - Hirose Electric FH52 Datasheet HTML 4Page - Hirose Electric FH52 Datasheet HTML 5Page - Hirose Electric FH52 Datasheet HTML 6Page - Hirose Electric FH52 Datasheet HTML 7Page - Hirose Electric FH52 Datasheet HTML 8Page - Hirose Electric FH52 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
■Features
1. Highly reliable connection and robust structure
With the need for higher contact counts and the need for
a connector body that delivers unquestionable strength
and a reliable connection in a FPC/FFC connector, the
FH52 series has made great strides to meet this need. It
meets this need with the following:
-An FPC positioning mechanism that delivers the high
reliability requested
-A reliable and secure connection that is packed into a
well-designed, durable structure.
2. Product variations capable of meeting a range of needs
・FH52E : Long metal fittings type
Easy visual inspection of solder posts after processing.
・FH52K : Long metal fittings type, 125℃ Heat Resistant Type
125
℃ heat resistant connector meets severe automotive requirements
・FH52T : Long metal fittings type, 2-Point Contact Type
Contact structure with independent springs connects with
FPC/FCC at 2 points reducing failure from dust intrusion.
3. Simplified operations
The flip lock structure makes it easier to engage/
disengage the actuator and reduces the required force
needed to operate. A clear tactile click is delivered upon
the successful completion of the mating process.
4. Increased retention force
The side catch technology combined with tabbed FPC/FFC
increase the horizontal retention force of the FPC/FFC.
5. Accepts standard 0.3mm thick FPC/FFC
It accepts 0.3mm thick products that are easy to
manufacture and have superb insertion performance.
6. Fully molded structure aids PCB layout
The bottom of this connector is enclosed by a fully
molded structure that protects the contacts and removes
any restrictions from PCB patterning and design.
7. Halogen-free
All materials and substances used to produce this
product comply with Halogen-free standards.* As
defined in IEC 61249-2-21. Br : 900 ppm or less, Cl : 900
ppm or less, Br+Cl : 1,500 ppm or less
8. Supports automatic pick-n-place mounting
Offered in tape and reel packaging that is compatible with
automatic machine mounting. (3,000pcs/reel)
9. Multiple packing options
The standard packaging is 3,000pcs/reel, but it is also
offered in a 500pcs/reel. (The outer diameter of the reel
will be Ø180mm in this case.)
1
0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
FH52 Series
2017.8
r
Contacts are designed to hold and
stabilize the actuator
Metal fittings are designed to hold and
stabilize the actuator
Secure actuator retention
FPC/FFC with tab increase the
retention force in horizontal direction.
Side catch technology designed to place a temporary
Side catch technology designed to place a temporary
hold on the FPC/FFC before the lock is engaged.
hold on the FPC/FFC before the lock is engaged.
Extended metal fitting option (FH52E/FH52K/FH52T)
The metal fittings extend out from the connector body to
enable a visual inspection of its soldering conditions.
2-point contact structure with independent springs to
improve reliability.
2-Points of Contact (FH52T)
2-Points of Contact (FH52T)
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Part No. - FH52

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH5 GOOD-ARK-FH5 Datasheet
379Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
Littelfuse
FH503R LITTELFUSE-FH503R Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
FH503S LITTELFUSE-FH503S Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
YEONHO ELECTRONICS
FH51 YEONHO-FH51 Datasheet
130Kb / 1P
FH51
More results

Similar Description - FH52

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH21-5S-1DS HIROSE-FH21-5S-1DS Datasheet
104Kb / 4P
1mm Pitch FPC/FFC Connector
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
1mm Pitch FPC/FFC Connector
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com