Electronic Components Datasheet Search
  English  ▼

X  

FH52 Datasheet(PDF) 16 Page - Hirose Electric

Part # FH52
Description  0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH52 Datasheet(HTML) 16 Page - Hirose Electric

Back Button FH52 Datasheet HTML 12Page - Hirose Electric FH52 Datasheet HTML 13Page - Hirose Electric FH52 Datasheet HTML 14Page - Hirose Electric FH52 Datasheet HTML 15Page - Hirose Electric FH52 Datasheet HTML 16Page - Hirose Electric FH52 Datasheet HTML 17Page - Hirose Electric FH52 Datasheet HTML 18Page - Hirose Electric FH52 Datasheet HTML 19Page - Hirose Electric FH52 Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
FH52 Series●0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
BPackaging Specification
[FH52 (Standard Type) 0.5mm Pitch product]
Unit : mm
Part No.
HRS No.
No. of contacts
J
K
L
M
N
P
FH52-4S-0.5SH(**)
Under planning (Note 1)
4
6.6
7.5
16.0
–––––––
21.4
17.4
FH52-5S-0.5SH(**)
5
7.1
11.5
24.0
–––––––
29.4
25.4
FH52-6S-0.5SH(**)
580-3304-0 **
6
7.6
–––––––
FH52-8S-0.5SH(**)
580-3305-3 **
8
8.6
–––––––
FH52-10S-0.5SH(**)
580-3306-6 **
10
9.6
–––––––
FH52-11S-0.5SH(**)
580-3320-7 **
11
10.1
–––––––
FH52-12S-0.5SH(**)
580-3307-9 **
12
10.6
–––––––
FH52-15S-0.5SH(**)
580-3302-5 **
15
12.1
–––––––
FH52-16S-0.5SH(**)
Under planning (Note 1)
16
12.6
–––––––
FH52-18S-0.5SH(**)
580-3321-0 **
18
13.6
–––––––
FH52-20S-0.5SH(**)
580-3309-4 **
20
14.6
–––––––
FH52-22S-0.5SH(**)
580-3317-2 **
22
15.6
14.2
32.0
28.4
37.4
33.4
FH52-24S-0.5SH(**)
580-3318-5 **
24
16.6
FH52-25S-0.5SH(**)
580-3316-0 **
25
17.1
FH52-26S-0.5SH(**)
580-3319-8 **
26
17.6
FH52-28S-0.5SH(**)
580-3324-8 **
28
18.6
FH52-30S-0.5SH(**)
580-3310-3 **
30
19.6
FH52-32S-0.5SH(**)
580-3325-0 **
32
20.6
20.2
44.0
40.4
49.4
45.4
FH52-40S-0.5SH(**)
580-3300-0 **
40
24.6
FH52-42S-0.5SH(**)
580-3329-1 **
42
25.6
FH52-45S-0.5SH(**)
580-3311-6 **
45
27.1
FH52-50S-0.5SH(**)
580-3303-8 **
50
29.6
FH52-60S-0.5SH(**)
580-3301-2 **
60
34.6
26.2
56.0
52.4
61.4
57.4
●Embossed carrier tape dimensions
(tape width 24mm or less)
●Embossed carrier tape dimensions
(tape width 32mm or more)
(6.4)
Unreeling direction
12±0.1
(2.4)
(0.3)
2±0.1
4±0.1
(4.65)
Unreeling direction
(2.4)
(0.3)
1.5
+0.1
0
12±0.1
2±0.1
4±0.1
(6.4)
(4.65)
a
N±1: Reel outside width
P±1: Reel inside width
End section
Blank section
Mounting section
Embossed carrier tape
Lead section (400mm min.)
Blank section
Top cover tape
(10 pockets min.)
(15 pockets min.)
●Reel Dimensions
a detail drawing
2±0.5
R1
Ø13±0.2
[FH52 (Standard Type) 1mm Pitch product]
Unit : mm
Part No.
HRS No.
No. of contacts
J
K
LM
NP
FH52-10(4)SA-1SH(**)
580-3330-0 **
4
9.6
11.5
24.0
–––––––
29.4
25.4
FH52-12S-1SH(**)
580-3323-5 **
12
17.1
14.2
32.0
28.4
37.4
33.4
FH52-32(16)SB-1SH(**)
580-3338-2 **
16
20.6
20.2
44.0
40.4
49.4
45.4
FH52-60(30)SB-1SH(**)
580-3315-7 **
30
34.6
26.2
56.0
52.4
61.4
57.4
Note 1 : Contact positions without HRS No. are currently under planning. Please contact hirose for detailed information about product variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com