Electronic Components Datasheet Search
  English  ▼

X  

FH52 Datasheet(PDF) 19 Page - Hirose Electric

Part # FH52
Description  0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH52 Datasheet(HTML) 19 Page - Hirose Electric

Back Button FH52 Datasheet HTML 12Page - Hirose Electric FH52 Datasheet HTML 13Page - Hirose Electric FH52 Datasheet HTML 14Page - Hirose Electric FH52 Datasheet HTML 15Page - Hirose Electric FH52 Datasheet HTML 16Page - Hirose Electric FH52 Datasheet HTML 17Page - Hirose Electric FH52 Datasheet HTML 18Page - Hirose Electric FH52 Datasheet HTML 19Page - Hirose Electric FH52 Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
FH52 Series●0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
BOperation and Precautions
Operation
Precautions
1. FPC/FFC insertion procedure
qLift up the actuator to release the lock.
You can easily pop it up with the thumbnail
or index-finger nail.
2. FPC/FFC removal
qLift up the actuator to release the lock. Pull up the FPC
or FFC a little and then withdraw it from the connector.
wInsert the FPC or FFC with the exposed conductive
traces facing down. When connecting a tabbed FPC or
FFC, securely insert it to the bottom, perpendicular to
the connector with an angle of 10° with respect to the
PCB surface, using the FFC/FPC positioning guide.
eRotate down the actuator until firmly closed.
FFC/FPC positioning guide
wInsert the FPC or FFC properly to the opening
of the connector. Improper insertion may lead
to a break or poor continuity of the FPC or FFC.
eThe connector does not have a strong upward
tensile strength owing to its structure. Secure the
FPC or FFC when it is subjected to a tensile force.
qThe FH52 Series is equipped with an actuator that
rotates approximately 110°. Do not apply a force to
open it beyond its fully open position. The actuator
may come off or be permanently damaged.
FFC positioning guide
rWhen inserting an FPC or FFC, do not rub it vigorously against the
bottom side of the connector opening. Excessive contact between
the contacts and the FPC or FFC may result in the deformation of
contacts, peeling of conductive traces, or other faults.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com