Electronic Components Datasheet Search
  English  ▼

X  

FH52 Datasheet(PDF) 18 Page - Hirose Electric

Part # FH52
Description  0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH52 Datasheet(HTML) 18 Page - Hirose Electric

Back Button FH52 Datasheet HTML 12Page - Hirose Electric FH52 Datasheet HTML 13Page - Hirose Electric FH52 Datasheet HTML 14Page - Hirose Electric FH52 Datasheet HTML 15Page - Hirose Electric FH52 Datasheet HTML 16Page - Hirose Electric FH52 Datasheet HTML 17Page - Hirose Electric FH52 Datasheet HTML 18Page - Hirose Electric FH52 Datasheet HTML 19Page - Hirose Electric FH52 Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
FH52 Series●0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
[FH52T (Long Metal Fittings Type, 2-Point Contact Type) 0.5mm Pitch product]
Unit : mm
Part No.
HRS No.
No. of contacts
J
K
LM
NP
FH52T-4S-0.5SH(**)
Under planning (Note 1)
4
6.6
7.5
16.0
–––––––
21.4
17.4
FH52T-5S-0.5SH(**)
5
7.1
11.5
24.0
–––––––
29.4
25.4
FH52T-6S-0.5SH(**)
6
7.6
–––––––
FH52T-8S-0.5SH(**)
8
8.6
–––––––
FH52T-10S-0.5SH(**)
580-4503-0 **
10
9.6
–––––––
FH52T-11S-0.5SH(**)
Under planning (Note 1)
11
10.1
–––––––
FH52T-12S-0.5SH(**)
12
10.6
–––––––
FH52T-15S-0.5SH(**)
15
12.1
–––––––
FH52T-16S-0.5SH(**)
16
12.6
–––––––
FH52T-18S-0.5SH(**)
18
13.6
–––––––
FH52T-20S-0.5SH(**)
20
14.6
–––––––
FH52T-22S-0.5SH(**)
22
15.6
14.2
32.0
28.4
37.4
33.4
FH52T-24S-0.5SH(**)
580-4500-0 **
24
16.6
FH52T-25S-0.5SH(**)
Under planning (Note 1)
25
17.1
FH52T-26S-0.5SH(**)
26
17.6
FH52T-28S-0.5SH(**)
28
18.6
FH52T-30S-0.5SH(**)
30
19.6
20.2
44.0
40.4
49.4
45.4
FH52T-32S-0.5SH(**)
580-4502-0 **
32
20.6
FH52T-40S-0.5SH(**)
Under planning (Note 1)
40
24.6
FH52T-42S-0.5SH(**)
42
25.6
FH52T-45S-0.5SH(**)
45
27.1
FH52T-50S-0.5SH(**)
580-4501-7 **
50
29.6
FH52T-60S-0.5SH(**)
Under planning (Note 1)
60
34.6
26.2
56.0
52.4
61.4
57.4
FH52T-64S-0.5SH(**)
64
36.6
FH52T-68S-0.5SH(**)
68
38.6
Note 1 : Contact positions without HRS No. are currently under planning. Please contact hirose for detailed information about product variation.
BRecommended Temperature Profile
HRS test condition
Solder method
: Reflow, IR
Reflow furnace atmosphere
: Atmosphere
Solder composition
: Paste, 96.5%Sn/3.0%Ag/0.5%Cu
(Senju Metal Industry's Part Number : M705-
221CM5-32-10.5)
Test board
: Material and size
Glass epoxy
: 80mm × 100mm × 1.6mm thick
Land dimensions
: 0.3 × 0.85mm
Metal mask dimensions
: 0.12mm thick
Opening dimensions
: 0.25 × 0.85mm
The temperature profiles are based on the above conditions.
In individual applications the actual temperature may vary, depending on
solder paste type, volume/thickness and board size/thickness. Consult your
solder paste and equipment manufacturer for specific recommendations.
MAX 250ç
Start
(ç)
Time (seconds)
25
℃(60sec.)
(30sec.)
90sec. to 120sec.
Preheating time
Soldering time
0
50
100
150
150ç
200ç
230ç
200
250
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com