Electronic Components Datasheet Search
  English  ▼

X  

FH52 Datasheet(PDF) 3 Page - Hirose Electric

Part # FH52
Description  0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH52 Datasheet(HTML) 3 Page - Hirose Electric

  FH52 Datasheet HTML 1Page - Hirose Electric FH52 Datasheet HTML 2Page - Hirose Electric FH52 Datasheet HTML 3Page - Hirose Electric FH52 Datasheet HTML 4Page - Hirose Electric FH52 Datasheet HTML 5Page - Hirose Electric FH52 Datasheet HTML 6Page - Hirose Electric FH52 Datasheet HTML 7Page - Hirose Electric FH52 Datasheet HTML 8Page - Hirose Electric FH52 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FH52 Series●0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
Notes
The coplanarity of each terminal lead is within 0.1.
The contact terminal lead position indicates the dimension from the b surface, the bottom
surface of the insulator body.
Packaged on tape and reel only. Check the packaging specification on Page 16 for details.
Sink mark reliefs may be added due to improvements
Sight variations in color of the plastic compounds do not affect form, fit or function.
After reflow, the terminal plating may change color; however this does not represent a quality issue.
The dimensions of 60-contact actuators are shown in the figures.
A **
Number of
contacts indicator
A±0.15
B±0.08
(C)
D±0.1
c
Cav No.
c
b
a
0.5±0.08
(0.12)
(0.15)
6
■Connector Dimensions
1
2
3
4
5
6
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
C
D
FH52-4S-0.5SH(**)
Under planning (Note 2)
4
6.3
1.5
2.57
4.7
FH52-5S-0.5SH(**)
5
6.8
2.0
3.07
5.2
FH52-6S-0.5SH(**)
580-3304-0 **
6
7.3
2.5
3.57
5.7
FH52-8S-0.5SH(**)
580-3305-3 **
8
8.3
3.5
4.57
6.7
FH52-10S-0.5SH(**)
580-3306-6 **
10
9.3
4.5
5.57
7.7
FH52-11S-0.5SH(**)
580-3320-7 **
11
9.8
5.0
6.07
8.2
FH52-12S-0.5SH(**)
580-3307-9 **
12
10.3
5.5
6.57
8.7
FH52-15S-0.5SH(**)
580-3302-5 **
15
11.8
7.0
8.07
10.2
FH52-16S-0.5SH(**)
Under planning (Note 2)
16
12.3
7.5
8.57
10.7
FH52-18S-0.5SH(**)
580-3321-0 **
18
13.3
8.5
9.57
11.7
FH52-20S-0.5SH(**)
580-3309-4 **
20
14.3
9.5
10.57
12.7
FH52-22S-0.5SH(**)
580-3317-2 **
22
15.3
10.5
11.57
13.7
FH52-24S-0.5SH(**)
580-3318-5 **
24
16.3
11.5
12.57
14.7
FH52-25S-0.5SH(**)
580-3316-0 **
25
16.8
12.0
13.07
15.2
FH52-26S-0.5SH(**)
580-3319-8 **
26
17.3
12.5
13.57
15.7
FH52-28S-0.5SH(**)
580-3324-8 **
28
18.3
13.5
14.57
16.7
FH52-30S-0.5SH(**)
580-3310-3 **
30
19.3
14.5
15.57
17.7
FH52-32S-0.5SH(**)
580-3325-0 **
32
20.3
15.5
16.57
18.7
FH52-40S-0.5SH(**)
580-3300-0 **
40
24.3
19.5
20.57
22.7
FH52-42S-0.5SH(**)
580-3329-1 **
42
25.3
20.5
21.57
23.7
FH52-45S-0.5SH(**)
580-3311-6 **
45
26.8
22.0
23.07
25.2
FH52-50S-0.5SH(**)
580-3303-8 **
50
29.3
24.5
25.57
27.7
FH52-60S-0.5SH(**)
580-3301-2 **
60
34.3
29.5
30.57
32.7
Note 1 : Tape and reel packaging. (3,000pcs/reel, 500pcs/reel)
Order by number of reels.
Note 2 : Contact positions without HRS No. are currently under planning.
Please contact hirose for detailed information about product variation.
(110˚)
5.7±0.2
(4.3)
0.7±0.2
0.45±0.1
12
0.15MAX
3±0.1
1.4±0.1
(1.3)
12
0.15MAX
0
0
a detail drawing
[FH52 (Standard Type) 0.5mm Pitch product]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com