Electronic Components Datasheet Search
  English  ▼

X  

FH52 Datasheet(PDF) 17 Page - Hirose Electric

Part # FH52
Description  0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH52 Datasheet(HTML) 17 Page - Hirose Electric

Back Button FH52 Datasheet HTML 12Page - Hirose Electric FH52 Datasheet HTML 13Page - Hirose Electric FH52 Datasheet HTML 14Page - Hirose Electric FH52 Datasheet HTML 15Page - Hirose Electric FH52 Datasheet HTML 16Page - Hirose Electric FH52 Datasheet HTML 17Page - Hirose Electric FH52 Datasheet HTML 18Page - Hirose Electric FH52 Datasheet HTML 19Page - Hirose Electric FH52 Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
FH52 Series●0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
[FH52E (Long Metal Fittings Type) 0.5mm Pitch product]
Unit : mm
Part No.
HRS No.
No. of contacts
J
K
L
M
N
P
FH52E-4S-0.5SH(**)
Under planning (Note 1)
4
6.6
7.5
16.0
–––––––
21.4
17.4
FH52E-5S-0.5SH(**)
5
7.1
11.5
24.0
–––––––
29.4
25.4
FH52E-6S-0.5SH(**)
6
7.6
–––––––
FH52E-8S-0.5SH(**)
580-3349-0 **
8
8.6
–––––––
FH52E-10S-0.5SH(**)
580-3346-0 **
10
9.6
–––––––
FH52E-11S-0.5SH(**)
Under planning (Note 1)
11
10.1
–––––––
FH52E-12S-0.5SH(**)
12
10.6
–––––––
FH52E-15S-0.5SH(**)
580-3337-0 **
15
12.1
–––––––
FH52E-16S-0.5SH(**) Under planning (Note 1)
16
12.6
–––––––
FH52E-18S-0.5SH(**)
580-3331-3 **
18
13.6
–––––––
FH52E-20S-0.5SH(**)
580-3357-0 **
20
14.6
–––––––
FH52E-22S-0.5SH(**)
580-3343-2 **
22
15.6
14.2
32.0
28.4
37.4
33.4
FH52E-24S-0.5SH(**)
580-3340-4 **
24
16.6
FH52E-25S-0.5SH(**)
Under planning (Note 1)
25
17.1
FH52E-26S-0.5SH(**)
26
17.6
FH52E-28S-0.5SH(**)
28
18.6
FH52E-30S-0.5SH(**)
580-3347-3 **
30
19.6
20.2
44.0
40.4
49.4
45.4
FH52E-32S-0.5SH(**) Under planning (Note 1)
32
20.6
FH52E-40S-0.5SH(**)
580-3334-1 **
40
24.6
FH52E-42S-0.5SH(**)
Under planning (Note 1)
42
25.6
FH52E-45S-0.5SH(**)
45
27.1
FH52E-50S-0.5SH(**)
580-3335-4 **
50
29.6
FH52E-60S-0.5SH(**)
580-3339-5 **
60
34.6
26.2
56.0
52.4
61.4
57.4
FH52E-64S-0.5SH(**)
580-3333-9 **
64
36.6
FH52E-68S-0.5SH(**)
580-3332-6 **
68
38.6
[FH52E (Long Metal Fittings Type) 1mm Pitch product]
Unit : mm
Part No.
HRS No.
No. of contacts
J
K
LM
NP
FH52E-8(4)SB-1SH(**)
580-3351-0 **
4
8.6
11.5
24.0
–––––––
29.4
25.4
FH52E-20(10)SA-1SH(**)
580-3352-0 **
10
14.6
–––––––
FH52E-20(10)SB-1SH(**)
580-3353-0 **
10
14.6
–––––––
FH52E-50(25)SA-1SH(**)
580-3354-0 **
25
29.6
20.2
44.0
40.4
49.4
45.4
FH52E-50(25)SB-1SH(**)
580-3355-0 **
25
29.6
FH52E-60(30)SB-1SH(**)
580-3358-0 **
30
34.6
26.2
56.0
52.4
61.4
57.4
[FH52K (Long Metal Fittings Type, 125
°C Heat Resistant Type) 0.5mm Pitch product]
Unit : mm
Part No.
HRS No.
No. of contacts
J
K
LM
NP
FH52K-6S-0.5SH(**)
580-4613-0 **
6
7.6
11.5
24.0
–––––––
29.4
25.4
FH52K-8S-0.5SH(**)
580-4611-0 **
8
8.6
–––––––
FH52K-10S-0.5SH(**)
580-4606-0 **
10
9.6
–––––––
FH52K-12S-0.5SH(**)
Under planning (Note 1)
12
10.6
–––––––
FH52K-15S-0.5SH(**)
15
12.1
–––––––
FH52K-18S-0.5SH(**)
18
13.6
–––––––
FH52K-20S-0.5SH(**)
580-4604-0 **
20
14.6
–––––––
FH52K-22S-0.5SH(**)
Under planning (Note 1)
22
15.6
14.2
32.0
28.4
37.4
33.4
FH52K-24S-0.5SH(**)
24
16.6
FH52K-25S-0.5SH(**)
25
17.1
FH52K-26S-0.5SH(**)
26
17.6
FH52K-30S-0.5SH(**)
30
19.6
20.2
44.0
40.4
49.4
45.4
FH52K-32S-0.5SH(**)
580-4600-9 **
32
20.6
FH52K-34S-0.5SH(**)
580-4601-0 **
34
21.6
FH52K-40S-0.5SH(**)
Under planning (Note 1)
40
24.6
FH52K-50S-0.5SH(**)
50
29.6
FH52K-60S-0.5SH(**)
60
34.6
26.2
56.0
52.4
61.4
57.4
FH52K-64S-0.5SH(**)
64
36.6
FH52K-68S-0.5SH(**)
580-4614-0 **
68
38.6
Note 1 : Contact positions without HRS No. are currently under planning. Please contact hirose for detailed information about product variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com