Electronic Components Datasheet Search
  English  ▼

X  

FH52 Datasheet(PDF) 12 Page - Hirose Electric

Part # FH52
Description  0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH52 Datasheet(HTML) 12 Page - Hirose Electric

Back Button FH52 Datasheet HTML 8Page - Hirose Electric FH52 Datasheet HTML 9Page - Hirose Electric FH52 Datasheet HTML 10Page - Hirose Electric FH52 Datasheet HTML 11Page - Hirose Electric FH52 Datasheet HTML 12Page - Hirose Electric FH52 Datasheet HTML 13Page - Hirose Electric FH52 Datasheet HTML 14Page - Hirose Electric FH52 Datasheet HTML 15Page - Hirose Electric FH52 Datasheet HTML 16Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
FH52 Series●0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
BRecommended PCB Mounting Pattern and Metal Mask Dimensions
BRecommended FPC/FFC Dimensions
Recommended metal mask thickness : 0.12mm
[FH52E (Long Metal Fittings Type) 1mm Pitch product]
[FH52E (Long Metal Fittings Type) 1mm Pitch product]
Notes
FFC/FPC without tabs can also be used.
In that case, the specified portions are not necessary.
1
Unit : mm
Part No.
HRS No.
No. of contacts
BF
G
H
ST
U
V
FH52E-8(4)SB-1SH(**)
580-3351-0 **
4
3
6.1
6.1
4.5
1.3
1.8
1
0.5
FH52E-20(10)SA-1SH(**)
580-3352-0 **
10
9
12.1
12.1
10.5
1.8
1.3
0.5
1
FH52E-20(10)SB-1SH(**)
580-3353-0 **
10
9
12.1
12.1
10.5
1.3
1.8
1
0.5
FH52E-50(25)SA-1SH(**)
580-3354-0 **
25
24
27.1
27.1
25.5
1.8
1.3
0.5
1
FH52E-50(25)SB-1SH(**)
580-3355-0 **
25
24
27.1
27.1
25.5
1.3
1.8
1
0.5
FH52E-60(30)SB-1SH(**)
580-3358-0 **
30
34.3
32.1
32.1
30.5
1.3
1.8
1
0.5
(Connector image)
0.3±0.03
(Land pattern)
0.25±0.03
(Metal mask)
B±0.05
1±0.05
2±0.03
F±0.05
T±0.05
S±0.05
H±0.07
B±0.05
0.6±0.03
1±0.05
U±0.1
V±0.1
0.3±0.05
G±0.1
2-R0.2±0.1
2-R0.2±0.1
2-R0.2±0.05
2-R0.2±0.05
2-R0.2±0.1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com