Electronic Components Datasheet Search
  English  ▼

X  

FH52 Datasheet(PDF) 10 Page - Hirose Electric

Part # FH52
Description  0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH52 Datasheet(HTML) 10 Page - Hirose Electric

Back Button FH52 Datasheet HTML 6Page - Hirose Electric FH52 Datasheet HTML 7Page - Hirose Electric FH52 Datasheet HTML 8Page - Hirose Electric FH52 Datasheet HTML 9Page - Hirose Electric FH52 Datasheet HTML 10Page - Hirose Electric FH52 Datasheet HTML 11Page - Hirose Electric FH52 Datasheet HTML 12Page - Hirose Electric FH52 Datasheet HTML 13Page - Hirose Electric FH52 Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FH52 Series●0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
BRecommended PCB Mounting Pattern and Metal Mask Dimensions
BRecommended FPC/FFC Dimensions
Recommended metal mask thickness : 0.12mm
[FH52 (Standard Type) 1mm Pitch product]
[FH52 (Standard Type) 1mm Pitch product]
Notes
FFC/FPC without tabs can also be used.
In that case, the specified portions are not necessary.
1
Unit : mm
Part No.
HRS No.
No. of contacts
B
E
FG
S
T
UV
FH52-10(4)SA-1SH(**)
580-3330-0 **
4
3
7.1
7.1
5.5
1.8
2.3
1.5
1
FH52-12S-1SH(**)
580-3323-5 **
12
11
14.6
14.6
13.0
1.8
1.8
1
1
FH52-32(16)SB-1SH(**)
580-3338-2 **
16
15
18.1
18.1
16.5
1.3
1.8
1
0.5
FH52-60(30)SB-1SH(**)
580-3315-7 **
30
29
32.1
32.1
30.5
1.3
1.8
1
0.5
(Connector image)
S±0.05
T±0.05
E±0.05
0.8±0.03
0.25±0.03
(Metal mask)
0.3±0.03
(Land pattern)
1±0.05
B±0.05
F±0.1
0.3±0.05
V±0.1
U±0.1
1±0.05
0.6±0.03
B±0.05
G±0.07
2-R0.2±0.1
2-R0.2±0.05
2-R0.2±0.05
2-R0.2±0.1
2-R0.2±0.1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com