Electronic Components Datasheet Search
  English  ▼

X  

SSC2016S Datasheet(PDF) 5 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 5 Page - Sanken electric

  SSC2016S Datasheet HTML 1Page - Sanken electric SSC2016S Datasheet HTML 2Page - Sanken electric SSC2016S Datasheet HTML 3Page - Sanken electric SSC2016S Datasheet HTML 4Page - Sanken electric SSC2016S Datasheet HTML 5Page - Sanken electric SSC2016S Datasheet HTML 6Page - Sanken electric SSC2016S Datasheet HTML 7Page - Sanken electric SSC2016S Datasheet HTML 8Page - Sanken electric SSC2016S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
5
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
Parameter
Symbol
Conditions
Pins
Min.
Typ.
Max.
Unit
Zero Current Detection Threshold
Voltage (High)
VZCD(H)
5 – 6
1.25
1.40
1.55
V
Zero Current Detection Threshold
Voltage (Low)
VZCD(L)
5 – 6
0.60
0.70
0.80
V
Zero Current Detection Delay
Time
(1)
tDLY(ZCD)
5 – 6
−
70
160
ns
ZCD Pin Clamp Voltage
VZCD(CL)
IZCD=3mA
5 – 6
6.5
7.7
9.0
V
Overcurrent Protection Function
Overcurrent Protection Threshold
Voltage 1
VCS(OCP1)
4 – 6
0.475
0.500
0.525
V
Overcurrent Protection Threshold
Voltage 2
VCS(OCP2)
4 – 6
1.35
1.50
1.65
V
Overcurrent Protection Delay Time
tDLY(OCP)
4 – 6
90
215
340
ns
CS Pin Source Current
ICS
4 – 6
− 40
− 20
− 10
µA
FB Pin Protection Function
Overvoltage Protection Threshold
Voltage
VOVP
1 – 6
1.040
×VREF
1.060
×VREF
1.080
×VREF
V
Overvoltage Protection Hysteresis
VOVP(HYS)
1 – 6
40
60
80
mV
Undervoltage Protection Threshold
Voltage
VUVP
1 – 6
200
300
400
mV
Undervoltage Protection Hysteresis
VUVP(HYS)
1 – 6
70
110
150
mV
Thermal Shutdown Protection
Thermal Shutdown Threshold
(1)
Tj(TSD)
–
135
150
–
°C
Thermal Shutdown Hysteresis
(1)
Tj(TSDHYS)
–
–
10
–
°C
Thermal Resistance
Junction to Ambient Resistance
(1)
θ
j-A
–
–
–
180
°C/W
(1) Design assurance item



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com