Electronic Components Datasheet Search
  English  ▼

X  

SSC2016S Datasheet(PDF) 11 Page - Sanken electric

Part # SSC2016S
Description  Critical Conduction Mode PFC Control IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2016S Datasheet(HTML) 11 Page - Sanken electric

Back Button SSC2016S Datasheet HTML 7Page - Sanken electric SSC2016S Datasheet HTML 8Page - Sanken electric SSC2016S Datasheet HTML 9Page - Sanken electric SSC2016S Datasheet HTML 10Page - Sanken electric SSC2016S Datasheet HTML 11Page - Sanken electric SSC2016S Datasheet HTML 12Page - Sanken electric SSC2016S Datasheet HTML 13Page - Sanken electric SSC2016S Datasheet HTML 14Page - Sanken electric SSC2016S Datasheet HTML 15Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SSC2016S
SSC2016S - DSJ Rev.1.3
SANKEN ELECTRIC CO.,LTD.
11
Jul. 22, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2015
T1
C1
P
D
DVCC
RCS
RST
VCC
GND
U1
8
6
CVCC
VD
CCP
DZVCC
RZ
Q1
DFW
VOUT
LINE
GND
VAC
VB
VCCP
VIN
Figure 8-7.
VCC Pin Peripheral Circuit
(Power supply from auxiliary winding)
IC startup
VCC
VCC(ON)
VCC(OFF)
Startup failure
Startup success
Target
Operating
Voltage
Time
Increased by output
voltage rising
Figure 8-8.
VCC During Startup Period
8.3
Restart Circuit
The IC is self-oscillation type. The off-time of OUT
pin is set by the detecting zero current signal at ZCD
pin.
When the off-time of OUT pin is maintained for
tRS = 220
μs or more, the restart circuit is activated and
OUT pin turns on. The ON time of the OUT pin is
tON(RS) = 1.7
μs in the restart operation.
At intermittent oscillation period in startup and light
load, the restart circuit is activated and the switching
operation is stabilized.
Since tRS = 220
μs corresponds to the operational
frequency of 6.25 kHz, the minimum frequency should
be set to higher than 20 kHz (above audible frequency)
at the inductance value design.
8.4
Maximum On-time Setting
In order to reduce audible noise of transformer at
transient state, the Maximum on-time, tON(MAX), should
be set. The tON(MAX) depends on the value of C4
connected to CT pin. Section 9.1 shows about tON(MAX)
setting.
8.5
Zero Current Detection and
Bottom-on Timing Setting
Figure 8-9 shows the peripheral circuit of ZCD pin,
Figure 8-10 shows the zero current detection waveform.
The off-time is determined by detecting the zero
current of the boost winding P via the auxiliary winding
D and ZCD pin
The polarity of winding P and winding D of
transformer T1 are shown in Figure 8-9.
When the OUT pin voltage becomes low and the
power MOSFET turns off, the ZCD pin voltage becomes
the voltage of auxiliary winding D as shown in Figure
8-10. After the turning off of the power MOSFET, when
ZCD pin voltage is above VZCD(H) = 1.40 V, OUT pin
voltage is kept to be Low. When ZCD pin voltage
becomes below VZCD(L) = 0.70 V, OUT pin voltage
becomes High and power MOSFET turns on.
After the turning off of the power MOSFET, when the
current in boost winding become zero, VDS waveform
starts free oscillation based on the inductance LP, the
output capacitance of power MOSFET COSS and the
parasitic capacitance. The bottom point of VDS is
calculated as follows:
tHFP≈π�LP×CV(s)
(2)
where
tHFP: Half cycle of free oscillation (s)
LP: Inductance of boost winding (H)
CV: Combined output capacitance of power MOSFET
COSS and parasitic capacitanc (F)
In order to set the timing of turn on to the bottom
point of VDS as shown in Figure 8-11, adjust the turn on
delay time tHFP by using C6 and R1 in actual operation
codition as shown in Figure 8-9. Since R1 have a role as
the current limiting resistor of ZCD pin, adjust the C6
value if R1 value exceeds the range of limiting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com